Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV9931 Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV9931
Description  HV9931 Unity Power Factor LED Lamp Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9931 Datasheet(HTML) 2 Page - Supertex, Inc

  HV9931_08 Datasheet HTML 1Page - Supertex, Inc HV9931_08 Datasheet HTML 2Page - Supertex, Inc HV9931_08 Datasheet HTML 3Page - Supertex, Inc HV9931_08 Datasheet HTML 4Page - Supertex, Inc HV9931_08 Datasheet HTML 5Page - Supertex, Inc HV9931_08 Datasheet HTML 6Page - Supertex, Inc HV9931_08 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
HV9931
● 1235 Bordeaux Drive, Sunnyvale, CA 94089 ● Tel: 408-222-8888 ● www.supertex.com
Ordering Information
Device
8-Lead SOIC (Narrow Body)
4.90x3.90mm body
1.75mm height (max)
1.27mm pitch
HV9931
HV9931LG-G
-G indicates package is RoHS compliant (‘Green’)
Absolute Maximum Ratings
Parameter
Value
V
IN to GND
-0.5V to +470V
V
DD to GND
-0.3V to +13.5V
CS1, CS2, PWMD, GATE, RT to GND -0.3V to (V
DD +0.3V)
Operating temperature range
-40°C to +85°C
Storage temperature range
-65°C to +150°C
Continuous power dissipation (T
A = +25°C)
630mW
Sym
Parameter
Min
Typ
Max Units Conditions
Input
V
INDC
Input DC supply voltage range*
8.0
-
450
V
DC input voltage
I
INSD
Shut-down mode supply current*
-
0.5
1.0
mA
PWMD connected to GND
Internal Regulator
V
DD
Internally regulated voltage
7.12
7.50 7.88
V
V
IN = 8.0, IDD(EXT) = 0,
GATE = 500pF, R
T = 226KΩ
ΔV
DD, line
Line regulation of V
DD
0
-
1.0
V
V
IN = 8.0 - 450V, IDD(ext) = 0,
GATE = 500pF, R
T = 226kΩ,
UVLO
V
DD undervoltage lockout threshold
6.45
6.70 6.95
V
V
DD rising
∆
UVLO
V
DD undervoltage lockout hysteresis
-
500
-
mV
---
PWM Dimming
V
PWMD(lo)
PWMD input low voltage
-
-
1.0
V
V
IN = 8.0 - 450V
V
PWMD(hi)
PWMD input high voltage
2.4
-
-
V
V
IN = 8.0 - 450V
R
PWMD
PWMD pull-down resistance
50
100
150
kΩ
V
PWMD = 5.0V
Stresses beyond those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated
in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device
reliability.
1
2
3
4
8
7
6
5
VIN
CS1
GND
GATE
RT
CS2
VDD
PWMD
Pin Configuration
Product Marking
8-Lead SOIC (LG)
Y = Year Sealed
WW = Week Sealed
L = Lot Number
= “Green” Packaging
YWW
H9931
L L L L
8-Lead SOIC (LG)
(top view)
Electrical Characteristics (The * denotes the specifications which apply over the full operating junction temperature range of
-40°C < T
A < +85°C, otherwise the specifications are at TA = 25°C, VIN = 12V, unless otherwise noted)
Thermal Resistance
Package
θ
ja
8-Lead SOIC
128OC/W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com