Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV9930 Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV9930
Description  Hysteretic Boost-Buck (훴uk) LED Driver IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9930 Datasheet(HTML) 2 Page - Supertex, Inc

  HV9930_11 Datasheet HTML 1Page - Supertex, Inc HV9930_11 Datasheet HTML 2Page - Supertex, Inc HV9930_11 Datasheet HTML 3Page - Supertex, Inc HV9930_11 Datasheet HTML 4Page - Supertex, Inc HV9930_11 Datasheet HTML 5Page - Supertex, Inc HV9930_11 Datasheet HTML 6Page - Supertex, Inc HV9930_11 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
HV9930
Supertex inc.
1235 Bordeaux Drive, Sunnyvale, CA 94089
Tel: 408-222-8888
www.supertex.com
Ordering Information
Device
8-Lead SOIC
4.90 x 3.90mm body
1.75mm height (max)
1.27mm pitch
HV9930
HV9930LG-G
-G indicates package is RoHS compliant (‘Green’)
Absolute Maximum Ratings
Parameter
Value
V
IN to GND
-0.5V to +200V
V
DD to GND
-0.3V to +12.0V
CS1, CS2, PWMD, GATE, REF to GND
-0.3V to (V
DD + 0.3V)
Junction temperature range
-40°C to +150°C
Storage temperature range
-65°C to +150°C
Continuous power dissipation (T
A = +25°C)
630mW
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent
damage to the device. These are stress ratings only, and functional operation of the
device at these or any other conditions beyond those indicated in the operational
sections of the specifications is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
Pin Configuration
VIN
CS1
GND
GATE
REF
CS2
VDD
PWMD
1
2
3
4
8
7
6
5
Sym
Parameter
Min
Typ
Max
Units Conditions
Input
V
INDC
Input DC supply voltage range
*
8.0
-
200
V
DC input voltage
I
INSD
Shut-down mode supply current
*
-
0.5
1.0
mA
PWMD connected to GND
Internal Regulator
V
DD
Internally regulated voltage
-
7.0
7.5
9.0
V
V
IN = 8.0 - 200V, IDD(ext) = 0, GATE
open
I
DD(ext)
V
DD current available for external
circuitry1
-
-
-
1.0
mA
V
IN = 8.0 - 200V
UVLO
V
DD undervoltage lockout
threshold
-
6.45
6.70
6.95
V
V
DD rising
∆UVLO VDD undervoltage lockout
hysteresis
-
-
500
-
mV
---
V
DD(ext)
Steady state external voltage
which can applied at the
VDD pin
-
-
-
12
V
---
Electrical Characteristics
(The * denotes the specifications which apply over the full operating ambient temperature range of -40°C < T
A < +125°C, otherwise the specifications are
at T
A = 25°C, VIN = 12V, unless otherwise noted)
8-Lead SOIC (LG)
(top view)
Y = Last Digit of Year Sealed
WW = Week Sealed
L = Lot Number
= “Green” Packaging
YWW
H9930
LLLL
8-Lead SOIC (LG)
Product Marking
Thermal Resistance
Package
θ
JA
8-Lead SOIC
128OC/W
Note:
1.
Also limited by package power dissipation limit, whichever is lower.
Package may or may not include the following marks: Si or



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com