Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDF40AW2 Datasheet(PDF) 5 Page - Shoulder Electronics Limited.

Part # HDF40AW2
Description  This specification shall cover the characteristics of SAW filter With F49A used for the E-amps/adc.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDF40AW2 Datasheet(HTML) 5 Page - Shoulder Electronics Limited.

  HDF40AW2 Datasheet HTML 1Page - Shoulder Electronics Limited. HDF40AW2 Datasheet HTML 2Page - Shoulder Electronics Limited. HDF40AW2 Datasheet HTML 3Page - Shoulder Electronics Limited. HDF40AW2 Datasheet HTML 4Page - Shoulder Electronics Limited. HDF40AW2 Datasheet HTML 5Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SAW FILTER
HDF40A
W2
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 5 of 5
area of the terminals must be covered with new solder. It shall meet the specifications in
2.2.
5
-6 Mechanical shock
Drop the device randomly onto the concrete floor from the height of 1m 3 times. the
device shall fulfill the specifications in 2.2.
5-7 Vibration
Subject the device to the vibration for 1 hour each in x,y and z axes with the amplitude of
1.5 mm at 10 to 55 Hz. The device shall fulfill the specifications in 2.2.
6. REMARK
6.1 Static voltage
Static voltage between signal load & ground may cause deterioration &destruction of
the component. Please avoid static voltage.
6.2 Ultrasonic cleaning
Ultrasonic vibration may cause deterioration & destruction of the component. Please
avoid ultrasonic cleaning
6.3 Soldering
Only leads of component may be solded. Please avoid soldering another part of
component.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com