Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE894M13 Datasheet(PDF) 3 Page - NEC

Part # NE894M13
Description  NPN SILICON TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE894M13 Datasheet(HTML) 3 Page - NEC

  NE894M13 Datasheet HTML 1Page - NEC NE894M13 Datasheet HTML 2Page - NEC NE894M13 Datasheet HTML 3Page - NEC NE894M13 Datasheet HTML 4Page - NEC NE894M13 Datasheet HTML 5Page - NEC NE894M13 Datasheet HTML 6Page - NEC NE894M13 Datasheet HTML 7Page - NEC NE894M13 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TYPICAL PERFORMANCE CURVES (TA = 25°C)
28
24
20
16
12
8
4
0
110
100
VCE = 1 V
f = 2 GHz
40
35
30
25
20
15
10
5
0
0.1110
MSG
MAG
|S21e|
2
VCE = 1 V
IC = 20 mA
20
16
12
8
4
0
110
MSG
MAG
|S21e|
2
100
VCE = 2 V
f = 2 GHz
20
16
12
8
4
0
110
MSG
MAG
|S21e|
2
100
VCE = 2 V
f = 2 GHz
Collector Current, IC (mA)
NE894M13
20
16
12
8
4
0
1
10
100
VCE = 1 V
f = 4 GHz
MSG
MAG
|S21e|
2
20
16
12
8
4
0
1
10
100
VCE = 2 V
f = 4 GHz
MSG
MAG
|S21e|
2
INSERTION POWER GAIN, MAG, MSG
vs. FREQUENCY
Collector Current, IC (mA)
INSERTION POWER GAIN, MAG, MSG
vs. COLLECTOR CURRENT
Collector Current, IC (mA)
Collector Current, IC (mA)
Collector Current, IC (mA)
GAIN BANDWIDTH PRODUCT
vs. COLLECTOR CURRENT
Frequency, f (GHz)
INSERTION POWER GAIN, MAG, MSG
vs. COLLECTOR CURRENT
INSERTION POWER GAIN, MAG, MSG
vs. COLLECTOR CURRENT
INSERTION POWER GAIN, MAG, MSG
vs. COLLECTOR CURRENT



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com