Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDF85AW2 Datasheet(PDF) 3 Page - Shoulder Electronics Limited.

Part # HDF85AW2
Description  This specification shall cover the characteristics of SAW filter F85A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDF85AW2 Datasheet(HTML) 3 Page - Shoulder Electronics Limited.

  HDF85AW2 Datasheet HTML 1Page - Shoulder Electronics Limited. HDF85AW2 Datasheet HTML 2Page - Shoulder Electronics Limited. HDF85AW2 Datasheet HTML 3Page - Shoulder Electronics Limited. HDF85AW2 Datasheet HTML 4Page - Shoulder Electronics Limited. HDF85AW2 Datasheet HTML 5Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SAW FILTER
HDF85A
W2
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 3 of 5
1. SCOPE
This specification shall cover the characteristics of SAW filter F85A
2. ELECTRICAL SPECIFICATION
DC Voltage VDC
10V
AC Voltage Vpp
10V50Hz/60Hz
Operation temperature
-40℃ to +85℃
Storage temperature
-45℃ to +85℃
RF Power Dissipation
0dBm
2.2Electronic Characteristics
型号
Part Number
HDF85A
中心频率(fo)(MHz)
Nominal Center Frequency
85.0
3dB 带宽
Bandwidth(from fo)(MHz)
1.5 typ.
30dB 带宽
Bandwidth(from fo)(MHz)
4.5Mhzmax.
插入损耗(dB)
Insertion Loss(at minimum loss point)
6.0max
群延时波动(fo+/-576KHz)(μsce.)
Group Delay Deviation
0.200
输入/输出阻抗
Input/output Impedance
50Ω//0pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com