Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDF110M3S21 Datasheet(PDF) 4 Page - Shoulder Electronics Limited.

Part # HDF110M3S21
Description  This specification shall cover the characteristics of SAW filter With 110M3 used for IF applications.
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDF110M3S21 Datasheet(HTML) 4 Page - Shoulder Electronics Limited.

  HDF110M3S21 Datasheet HTML 1Page - Shoulder Electronics Limited. HDF110M3S21 Datasheet HTML 2Page - Shoulder Electronics Limited. HDF110M3S21 Datasheet HTML 3Page - Shoulder Electronics Limited. HDF110M3S21 Datasheet HTML 4Page - Shoulder Electronics Limited. HDF110M3S21 Datasheet HTML 5Page - Shoulder Electronics Limited. HDF110M3S21 Datasheet HTML 6Page - Shoulder Electronics Limited. HDF110M3S21 Datasheet HTML 7Page - Shoulder Electronics Limited. HDF110M3S21 Datasheet HTML 8Page - Shoulder Electronics Limited. HDF110M3S21 Datasheet HTML 9Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SAW FILTER
HDF110M3
SMD-21
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 4 of 9
2-2.Electrical characteristics
Parameter
Minimum Typical Maximum Unit
Center Frequency Fc(between -3dB points)
109.90
110.0
110.1
MHz
Insertion loss at 110.0 MHz
(Including loss in matching elements)
6.8
10.0
dB
Bnd width
B-3dB
B-1dB
3.75
4.0
3.1
MHz
Group delay ripple(p-p)
Fc+/-1.6MHz
45
80
nsec.
Rejection
(4)
60.0MHz
……
100.0MHz
100.0MHz
……
105.5MHz
114.5MHz
……
120.0MHz
120.0MHz
……
160.0MHz
40
36
36
38
42
41
41
43
dB
Temperature coefficient of frequency TCf
-18
ppm/K
3. TEST CIRCUIT
Actual matching values may vary due to PCB layout and parasitics



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com