Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDF110NS3 Datasheet(PDF) 5 Page - Shoulder Electronics Limited.

Part # HDF110NS3
Description  This specification shall cover the characteristics of SAW filter with F110NS3 used for the page system.
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDF110NS3 Datasheet(HTML) 5 Page - Shoulder Electronics Limited.

  HDF110NS3 Datasheet HTML 1Page - Shoulder Electronics Limited. HDF110NS3 Datasheet HTML 2Page - Shoulder Electronics Limited. HDF110NS3 Datasheet HTML 3Page - Shoulder Electronics Limited. HDF110NS3 Datasheet HTML 4Page - Shoulder Electronics Limited. HDF110NS3 Datasheet HTML 5Page - Shoulder Electronics Limited. HDF110NS3 Datasheet HTML 6Page - Shoulder Electronics Limited. HDF110NS3 Datasheet HTML 7Page - Shoulder Electronics Limited. HDF110NS3 Datasheet HTML 8Page - Shoulder Electronics Limited. HDF110NS3 Datasheet HTML 9Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SAW FILTER
HDF110N
SMD-3
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 5 of 9
5
5..T
Ty
yp
piic
ca
all F
Fr
re
eq
qu
ue
en
nc
cy
y R
Re
essp
po
on
nsse
e
5. ENVIRONMENTAL CHARACTERISTICS
5-1 Temperature cycling
Subject the device to a low temperature of -40℃ for 30 minutes. Following by a
high temperature of +25℃ for 5 Minutes and a higher temperature of +85℃ for 30
Minutes. Then release the device into the room conditions for 1 to 2 hours prior to the
measurement. It shall meet the specifications in 2.2.
5-2 Resistance to solder heat
Submerge the device terminals into the solder bath at 260℃±5℃ for 10±1 sec.
Then release the device into the room conditions for 4 hours. It shall meet the specifications
in 2.2.
5-3 Solderability
Submerge the device terminals into the solder bath at 245℃ ±5℃ for 5s, More than
95% area of the soldering pad must be covered with new solder. It shall meet the
specifications in 2.2.
5-4 Mechanical shock
Drop the device randomly onto the concrete floor from the height of 1 m 3 times. the
filter shall fulfill the specifications in 2.2.
5-5 Vibration



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com