Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT18LG-G Datasheet(PDF) 2 Page - Supertex, Inc

Part # HT18LG-G
Description  Electronic Telephone Line Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HT18LG-G Datasheet(HTML) 2 Page - Supertex, Inc

  HT18LG-G Datasheet HTML 1Page - Supertex, Inc HT18LG-G Datasheet HTML 2Page - Supertex, Inc HT18LG-G Datasheet HTML 3Page - Supertex, Inc HT18LG-G Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
HT18
Supertex inc.
www.supertex.com
Doc.# DSFP-HT18
B031414
Absolute Maximum Ratings
Parameter
Value
V
TPG, Input line voltage
+350V
V
TP, Output line voltage
+18V
DP continuous input voltage
+10V
Operating temperature range
0°C to +50°C
Storage temperature range
-65°C to +150°C
Power dissipation
0.8W
Absolute Maximum Ratings are those values beyond which damage to the device may
occur. Functional operation under these conditions is not implied. Continuous operation
of the device at the absolute rating level may affect device reliability. All voltages are
referenced to device ground.
Pin Configuration
Sym
Parameter
Min
Typ Max Units Conditions
V
TPG
High voltage positive supply
-
-
350
V
I
TPG = 500µA, HKS, LS, DP = open circuit
I
TPG
Input leakage current
-
-
2.0
µA
V
TPG = 100V, HKS, LS, DP = open circuit
-
-
200
V
TPG = 290V, HKS, LS, DP = open circuit
R
SW
TPG to TP switch resistance
-
-
18
Ω
V
TPG = 17V, ITPG = 180mA, SW = on
-
-
18
V
TPG = 3.0V, ITPG = 20mA, SW = on
-
-
30
V
TPG = 2.3V, ITPG = 5.0mA, SW = on
I
TPG - ITP
Bias current
-
-
75
µA
V
TPG = 5.0V, SW = on
-
-
100
V
TPG = 10V, SW = on
I
LIM
I
TPG current limiting
188
250
330
mA
R
EXT = 200Ω ± 1%
I
HKS
HKS input current
-
-
200
µA
V
HKS = 40 to 70V
I
LS, IDP
LS and DP logic input current
-
-
30
µA
V
LS = 3.0V, VDP = 3.0V
V
IL(HKS)
HKS input low
0
-
0.2
V
V
TPG = 3.0 to 70V
V
IH(HKS)
HKS input high
2.0
-
V
TPG
V
V
TPG = 3.0 to 70V
V
IL(LS),VIL(DP)
Input logic low for DP and LS
0
-
0.2
V
V
TPG = 3.0 to 70V
V
IH(LS),VIH(DP)
Input logic high for DP and LS
1.5
-
10
V
V
TPG = 3.0 to 70V
T
ON
Turn-on time
-
-
1.0
ms
V
TPG = 4.5V
T
OFF
Turn-off time
-
-
1.0
ms
V
TPG = 4.5V
Electrical Characteristics (T
A = 25°C unless otherwise specified)
Product Marking
YY = Year Sealed
WW = Week Sealed
L = Lot Number
= “Green” Packaging
YYWW
HT18
LLLL
1
2
3
4
8
7
6
5
TPG
HKS
GND
NC
TP
CS
DP
LS
8-Lead SOIC (Narrow Body)
(top view)
8-Lead SOIC (Narrow Body)
Package may or may not include the following marks: Si or
Ordering Information
Part Number Package
Packing
HT18LG-G
8-Lead SOIC (Narrow Body) 2500/Reel
Typical Thermal Resistance
Package
θ
ja
8-Lead SOIC (Narrow Body)
101OC/W
-G denotes a lead (Pb)-free / RoHS compliant package



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com