Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDF1375AS21 Datasheet(PDF) 5 Page - Shoulder Electronics Limited.

Part # HDF1375AS21
Description  This specification shall cover the characteristics of SAW filter With F137.5A used for the page
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDF1375AS21 Datasheet(HTML) 5 Page - Shoulder Electronics Limited.

  HDF1375AS21 Datasheet HTML 1Page - Shoulder Electronics Limited. HDF1375AS21 Datasheet HTML 2Page - Shoulder Electronics Limited. HDF1375AS21 Datasheet HTML 3Page - Shoulder Electronics Limited. HDF1375AS21 Datasheet HTML 4Page - Shoulder Electronics Limited. HDF1375AS21 Datasheet HTML 5Page - Shoulder Electronics Limited. HDF1375AS21 Datasheet HTML 6Page - Shoulder Electronics Limited. HDF1375AS21 Datasheet HTML 7Page - Shoulder Electronics Limited. HDF1375AS21 Datasheet HTML 8Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SAW FILTER
HDF137.5A
S21
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 5 of 8
conditions for 1 to 2 hours prior to the measurement. It shall fulfill the specifications in 2-2.
5-4 Temperature cycling
Subject the filter to a low temperature of -55℃for 30 minutes. Following by a high
temperature of +85℃ for 30 Minutes. Then release the filter into the room conditions for 1
to 2 hours prior to the measurement. It shall meet the specifications in 2-2.
5-5 Resistance to solder heat
Dip the filter terminals no closer than 1.5mm into the solder bath at 270℃ ±10℃
for 10±1 sec. Then release the Filter into the room conditions for 1 to 2 hours. The Filter
shall meet the specifications in 2-2.
5-6 Mechanical shock
Drop the filter randomly onto the concrete floor from the height of 30cm 3 times. the
filter shall fulfill the specifications in 2-2.
5-7 Vibration
Subject the filter to the vibration for 1 hour each in x,y and z axes with the amplitude
of 1.5 mm at 10 to 55 hz. The filter shall fulfill the specifications in 2-2.
6. REMARK
6.1 Static voltage
Static voltage between signal load & ground may cause deterioration &destruction of the
component. Please avoid static voltage.
6.2 Ultrasonic cleaning
Ultrasonic vibration may cause deterioration & destruction of the component. Please avoid
ultrasonic cleaning
6.3 Soldering
Only leads of component may be soldered. Please avoid soldering another part of
component.
7. Packing
7.1 Dimensions
(1) Carrier Tape: Figure 1
(2) Reel: Figure 2
(3) The product shall be packed properly not to be damaged during transportation and storage.
7.2 Reeling Quantity
1000 pcs/reel
7’’
3000 pcs/reel
13’’
7.3 Taping Structure
(1) The tape shall be wound around the reel in the direction shown below.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com