Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDR4305MS3 Datasheet(PDF) 3 Page - Shoulder Electronics Limited.

Part # HDR4305MS3
Description  This specification shall cover the characteristics of 1-port SAW resonator with 430.50M used for remote-control security.
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDR4305MS3 Datasheet(HTML) 3 Page - Shoulder Electronics Limited.

  HDR4305MS3 Datasheet HTML 1Page - Shoulder Electronics Limited. HDR4305MS3 Datasheet HTML 2Page - Shoulder Electronics Limited. HDR4305MS3 Datasheet HTML 3Page - Shoulder Electronics Limited. HDR4305MS3 Datasheet HTML 4Page - Shoulder Electronics Limited. HDR4305MS3 Datasheet HTML 5Page - Shoulder Electronics Limited. HDR4305MS3 Datasheet HTML 6Page - Shoulder Electronics Limited. HDR4305MS3 Datasheet HTML 7Page - Shoulder Electronics Limited. HDR4305MS3 Datasheet HTML 8Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SAW RESONATOR
HDR430.5M
SMD-3
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 3 of 8
1. SCOPE
This specification shall cover the characteristics of 1-port SAW resonator with 430.50M used
for remote-control security.
2. ELECTRICAL SPECIFICATION
DC Voltage VDC
10V
AC Voltage Vpp
10V50Hz/60Hz
Operation temperature
-40℃ to +85℃
Storage temperature
-45℃ to +85℃
RF Power Dissipation
0dBm
2.2Electronic Characteristics
Item
Unites
Minimum
Typical
Maximum
Center Frequency
MHz
430.425
430.500
430.575
Insertion Loss
dB
1.5
2.5
Quality Factor Unload Q
8000
12800
50Ω Loaded Q
1000
2000
Turnover Temperature
℃
10
25
40
Temperature
Stability
Freq.temp.Coefficient
ppm/℃2
0.032
Frequency Aging
ppm/yr
<±10
DC. Insulation Resistance
MΩ
1.0
Motional Resistance R1
Ω
16
26
Motional Inductance L1
μH
77.403
RF Equivalent
RLC Model
Motional Capacitance C1
fF
1.7658
Transducer Static Capacitance
pF
2.0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com