Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1793 Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # TC1793
Description  32-Bit Single-Chip Microcontroller
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1793 Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button TC1793 Datasheet HTML 13Page - Infineon Technologies AG TC1793 Datasheet HTML 14Page - Infineon Technologies AG TC1793 Datasheet HTML 15Page - Infineon Technologies AG TC1793 Datasheet HTML 16Page - Infineon Technologies AG TC1793 Datasheet HTML 17Page - Infineon Technologies AG TC1793 Datasheet HTML 18Page - Infineon Technologies AG TC1793 Datasheet HTML 19Page - Infineon Technologies AG TC1793 Datasheet HTML 20Page - Infineon Technologies AG TC1793 Datasheet HTML 21Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 189 page
background image
TC1793
System Overview of the TC1793
Data Sheet
10
V 1.2, 2014-05
2
System Overview of the TC1793
The TC1793 combines three powerful technologies within one silicon die, achieving new
levels of power, speed, and economy for embedded applications:
•
Reduced Instruction Set Computing (RISC) processor architecture
•
Digital Signal Processing (DSP) operations and addressing modes
•
On-chip memories and peripherals
DSP operations and addressing modes provide the computational power necessary to
efficiently analyze complex real-world signals. The RISC load/store architecture
provides high computational bandwidth with low system cost. On-chip memory and
peripherals are designed to support even the most demanding high-bandwidth real-time
embedded control-systems tasks.
Additional high-level features of the TC1793 include:
•
Efficient memory organization: instruction and data scratch memories, caches
•
Serial communication interfaces – flexible synchronous and asynchronous modes
•
Peripheral Control Processor – standalone data operations and interrupt servicing
•
DMA Controller – DMA operations and interrupt servicing
•
General-purpose timers
•
High-performance on-chip buses
•
On-chip debugging and emulation facilities
•
Flexible interconnections to external components
•
Flexible power-management
The TC1793 is a high-performance microcontroller with TriCore CPU, program and data
memories, buses, bus arbitration, an interrupt controller, a peripheral control processor
and a DMA controller and several on-chip peripherals. The TC1793 is designed to meet
the needs of the most demanding embedded control systems applications where the
competing issues of price/performance, real-time responsiveness, computational power,
data bandwidth, and power consumption are key design elements.
The TC1793 offers several versatile on-chip peripheral units such as serial controllers,
timer units, and Analog-to-Digital converters. Within the TC1793, all these peripheral
units are connected to the TriCore CPU/system via the Flexible Peripheral Interconnect
(FPI) Bus and the Cross Bar Interconnect (SRI). Several I/O lines on the TC1793 ports
are reserved for these peripheral units to communicate with the external world.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com