Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9008 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DM9008
Description  ISA/Plug & Play Super Ethernet Contoller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9008 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DM9008 Datasheet HTML 1Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 2Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 3Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 4Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 5Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 6Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 7Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 8Page - List of Unclassifed Manufacturers DM9008 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 68 page
background image
DM9008
ISA/Plug & Play Super Ethernet Contoller
2
Final
Version :DM9008-DS-F02
June 14, 2000
Features
Single
chip
solution
for
IEEE
802.3,
10BASE-T,
10BASE2 and 10BASE5
Integrated
ISA interface, 8Kx16 SRAM, Media Access
Control, ENDEC and 10BASE-T transceiver
Supports ISA Plug and Play configuration
Software-compatible with NOVELL NE2000
Supports PnP and Non-PnP Auto-switching
PnP,
Non-PnP
and
Auto-switch
mode
software
selectable
8 interrupt lines selectable
Auto-Polarity detection and correction
Selectable 8 and 16-bit slot mode
Provides
auto-detection/auto-switching
for
10BASE-T
Transceiver and Attachment Unit Interface (AUI)
External EEPROM programmable
Supports BOOT-ROM page mode
Loopback capability for diagnostics
Receiver and collision squelch circuit to reduce noise
Low-power
CMOS
process
with
single
5V
power
supply
Built-in
pre-distortion
resisters
for
10BASE-T
application
100-pin QFP package
Pin Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com