Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA04A Datasheet(PDF) 3 Page - Cirrus Logic

Part # PA04A
Description  POWER OPERATIONAL AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA04A Datasheet(HTML) 3 Page - Cirrus Logic

  PA04A Datasheet HTML 1Page - Cirrus Logic PA04A Datasheet HTML 2Page - Cirrus Logic PA04A Datasheet HTML 3Page - Cirrus Logic PA04A Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690-8600 • FAX (520) 888-3329 • ORDERS (520) 690-8601 • EMAIL prodlit@apexmicrotech.com
TYPICAL PERFORMANCE
GRAPHS
PA04 • PA04A
C
A
C
L
Ω
O
Ω
0
25
50
75
100
125
150
TEMPERATURE, T (
°C)
0
50
150
POWER DERATING
100
1K
10M
FREQUENCY F (Hz)
0
POWER SUPPLY REJECTION
–50
0
75
125
CASE TEMPERATURE, T
(
°C)
10
10M
FREQUENCY,Ff (Hz)
0
120
SMALL SIGNAL GAIN
40
80
FREQUENCY, F (Hz)
SMALL SIGNAL PHASE
0
5
15
20
2
30
300
30K
FREQUENCY, F (Hz)
.001
.02
.2
HARMONIC DISTORTION
.002
.01
.1
30
200
TOTAL SUPPLY VOLTAGE, V (V)
.8
.9
1.2
QUIESCENT CURRENT
1.0
1.1
10K
50K
1M
FREQUENCY, F (Hz)
20
60
180
200
POWER RESPONSE
80
100
10
FREQUENCY, F (Hz)
0
COMMON MODE REJECTION
40
80
100
1M
100
1K
0
10
15
TIME, t (
µs)
–5
0
PULSE RESPONSE
30
520
100
200
EXT. COMPENSATION CAPACITOR C (pF)
0
60
SLEW RATE
40
100
1K
3K
10K
20K
.6M
40
25
CURRENT LIMIT
50
60
70
10
10K 100K 1M
100
200
OUTPUT VOLTAGE SWING
10
50
100
150
20
–7.5
1
100
1K 10K 100K 1M
20
40
60
80
100
300
400
500
100
10M
1
10
1K 10K 100K 1M
–180
–135
–90
–45
0
4
6
8
10
12
OUTPUT CURRENT, I (A)
O
10K
100K
–2.5
2.5
5
7.5
–25
25
100
80
90
100
110
120
130
C
.005
.05
S
.2M
120
150
20
60
T = T
T = T
RC = 120Ω
RL = 4Ω
V
= V
S
V
= VS
+ 5V
A = +1
A = 10
R =4
C = 100pF, R = 120
±Vs = 62V
C
R =120
R = 4.0
L
C = 470pF
C
V
P
=
200W
O
P = 1W
V
RC = 120Ω
RL = 4Ω
C
Ω
Ω
C
BOOST
BOOST
4
Ω LOAD
RC = 120Ω
CC = 470pF
CC = 220pF
CC = 100pF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com