Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2156L Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS2156L
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2156L Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS2156L Datasheet HTML 1Page - Dallas Semiconductor DS2156L Datasheet HTML 2Page - Dallas Semiconductor DS2156L Datasheet HTML 3Page - Dallas Semiconductor DS2156L Datasheet HTML 4Page - Dallas Semiconductor DS2156L Datasheet HTML 5Page - Dallas Semiconductor DS2156L Datasheet HTML 6Page - Dallas Semiconductor DS2156L Datasheet HTML 7Page - Dallas Semiconductor DS2156L Datasheet HTML 8Page - Dallas Semiconductor DS2156L Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 262 page
background image
DS2156
2 of 262
TABLE OF CONTENTS
1.
MAIN FEATURES........................................................................................................................................8
2.
DETAILED DESCRIPTION......................................................................................................................11
2.1
BLOCK DIAGRAM...........................................................................................................................................13
FIGURE 2-1. BLOCK DIAGRAM................................................................................................................................13
FIGURE 2-2. RECEIVE AND TRANSMIT LIU (TDM BACKPLANE ENABLED)...........................................................14
FIGURE 2-3. RECEIVE AND TRANSMIT LIU (UTOPIA BACKPLANE ENABLED).....................................................15
FIGURE 2-4. RECEIVE AND TRANSMIT FRAMER/HDLC..........................................................................................16
FIGURE 2-5. BACKPLANE INTERFACE (TDM BACKPLANE ENABLED) ...................................................................17
FIGURE 2-6. BACKPLANE INTERFACE (UTOPIA BUS ENABLED)...........................................................................18
3.
PIN FUNCTION DESCRIPTION .............................................................................................................19
3.1
TDM BACKPLANE .........................................................................................................................................19
3.1.1
Transmit Side ........................................................................................................................................19
3.1.2
Receive Side ..........................................................................................................................................22
3.2
UTOPIA BUS.................................................................................................................................................25
3.2.1
Receive Side ..........................................................................................................................................25
3.2.2
Transmit Side ........................................................................................................................................26
3.3
PARALLEL CONTROL PORT PINS ...................................................................................................................27
3.4
EXTENDED SYSTEM INFORMATION BUS........................................................................................................28
3.5
USER OUTPUT PORT PINS ..............................................................................................................................29
3.6
JTAG TEST ACCESS PORT PINS.....................................................................................................................30
3.7
LINE INTERFACE PINS....................................................................................................................................31
3.8
SUPPLY PINS ..................................................................................................................................................32
3.9
L AND G PACKAGE PINOUT...........................................................................................................................33
TABLE 3-A. PIN DESCRIPTION SORTED BY PIN NUMBER (TDM BACKPLANE ENABLED) .....................................33
TABLE 3-B. PIN DESCRIPTION SORTED BY PIN NUMBER (UTOPIA BACKPLANE ENABLED) ................................35
3.10
10MM CSBGA PIN CONFIGURATION ........................................................................................................37
FIGURE 3-1. 10MM CSBGA PIN CONFIGURATION (TDM SIGNALS SHOWN).........................................................37
4.
PARALLEL PORT .....................................................................................................................................38
4.1
REGISTER MAP ..............................................................................................................................................38
TABLE 4-A. REGISTER MAP SORTED BY ADDRESS ................................................................................................38
4.2
UTOPIA BUS REGISTERS ..............................................................................................................................44
TABLE 4-B. UTOPIA REGISTER MAP.....................................................................................................................44
5.
SPECIAL PER-CHANNEL REGISTER OPERATION.........................................................................45
6.
PROGRAMMING MODEL.......................................................................................................................47
FIGURE 6-1. PROGRAMMING SEQUENCE.................................................................................................................47
6.1
POWER-UP SEQUENCE...................................................................................................................................48
6.1.1
Master Mode Register...........................................................................................................................48
6.2
INTERRUPT HANDLING ..................................................................................................................................49
6.3
STATUS REGISTERS........................................................................................................................................49
6.4
INFORMATION REGISTERS .............................................................................................................................50
6.5
INTERRUPT INFORMATION REGISTERS ..........................................................................................................50
7.
CLOCK MAP ..............................................................................................................................................51
FIGURE 7-1. CLOCK MAP (TDM MODE).................................................................................................................51
8.
T1 FRAMER/FORMATTER CONTROL AND STATUS REGISTERS..............................................52
8.1
T1 CONTROL REGISTERS ...............................................................................................................................52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com