Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5C3384A Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI5C3384A
Description  10-Bit, 2-Port BusSwitch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5C3384A Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI5C3384A Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5C3384A Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5C3384A Datasheet HTML 3Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
PS8390
06/04/99
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI5C3384A
10-Bit, 2-Port BusSwitch
PI5C3384A
Parameters Description
Conditions(1)
Min.
Max.
Units
tPLH
Propagation Delay(2,3)
CL = 50pF
—
0.25
tPHL
Ax to Bx, Bx to Ax
RL = 500
Ω
tPZH
Bus Enable Time
1.5
6.5
ns
tPZL
BEX to Ax or Bx
tPHZ
Bus Disable Time
1.5
5.5
tPLZ
BEx to Ax or Bx
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device.
2. Typical values are at Vcc = 5.0V, +25°C ambient.
3. Per TTL driven input (VIN = 3.4V, control inputs only); A and B pins do not contribute to Icc.
4. This current applies to the control inputs only and represent the current required to switch internal capacitance at the specified
frequency. The A and B inputs generate no significant AC or DC currents as they transition. This parameter is not tested, but
is guaranteed by design.
Notes:
1. See test circuit and waveforms.
2. This parameter is guaranteed but not tested on Propagation Delays.
3. The bus switch contributes no propagational delay other than the RC delay of the ON resistance
of the switch and the load capacitance. The time constant for the switch alone is of the order of
0.25ns for 50pF load. Since this time constant is much smaller than the rise/fall times of typical
driving signals, it adds very little propagational delay to the system. Propagational
delay of the bus switch when used in a system is determined by the driving circuit on the driving
side of the switch and its interaction with the load on the driven side.
PI5C3384A Switching Characteristics Over Operating Range
Pericom Semiconductor Corporation
2380 Bering Drive • San Jose, CA 95131 • 1-800-435-2336 • Fax (408) 435-1100 • http://www.pericom.com
s
r
e
t
e
m
a
r
a
Pn
o
it
p
i
r
c
s
e
Ds
n
o
it
i
d
n
o
C
t
s
e
T.
n
i
M.
p
y
T
)
2
(
.
x
a
Ms
ti
n
U
I C
C
r
e
w
o
P
t
n
e
c
s
ei
u
Q
t
n
e
rr
u
C
y
l
p
p
u
S
V C
C
,.
x
a
M
=
V N
I
V
r
o
D
N
G
=
C
C
—1
.
00
.
3
µA
∆I C
C
r
e
p
t
n
e
rr
u
C
y
l
p
p
u
S
H
G
I
H
L
T
T
@
t
u
p
n
I
V C
C
,.
x
a
M
=
V N
I=
V
4
.
3
)
3
(
——
5
.
2A
m
I D
C
C
r
e
p
t
n
e
rr
u
C
y
l
p
p
u
S
z
H
M
r
e
p
t
u
p
n
I
)
4
(
V C
C
,.
x
a
M
=
n
e
p
O
s
n
i
P
B
d
n
a
A
D
N
G
=
2
E
B
r
o
1
E
B
g
n
il
g
g
o
T
t
u
p
n
I
l
o
rt
n
o
C
el
c
y
C
y
t
u
D
%
0
5
——
5
2
.
0
/
A
m
z
H
M



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com