Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC11FS2 Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # EC11FS2
Description  FRD LOW POWER LOSS, HIGH EFFICIENCY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

EC11FS2 Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  EC11FS2 Datasheet HTML 1Page - Nihon Inter Electronics Corporation EC11FS2 Datasheet HTML 2Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
OUTLINE DRAWING
Maximum Ratings
Approx Net Weight:0.06g
Rating
Symbol
EC11FS2
Unit
Repetitive Peak Reverse Voltage
VRRM
200
V
Non-repetitive Peak Reverse Voltage
VRSM
220
V
0.81 Ta=25
°C *1
Average Rectified Output Current
IO
1.0
Ta=34
°C *2
50Hz Half Sine
Wave Resistive Load
A
RMS Forward Current
IF(RMS)
1.57
A
Surge Forward Current
IFSM
20
50Hz Half Sine Wave,1cycle
Non-repetitive
A
Operating JunctionTemperature Range
Tjw
-40 to +150
°C
Storage Temperature Range
Tstg
-40 to +150
°C
Electrical
• Thermal Characteristics
Characteristics
Symbol
Conditions
Min.
Typ.
Max.
Unit
Peak Reverse Current
IRM
Tj= 25
°C, VRM= VRRM
-
-
10
µA
Peak Forward Voltage
VFM
Tj= 25
°C, IFM= 1.0A
-
-
0.98
V
Reverse Recovery Time
trr
IFM= 1A, -di/dt= 50A/
µs, Ta= 25°C
-
-
30
ns
*1
-
-
157
Thermal Resistance
Rth(j-a) Junction to Ambient
*2
-
-
108
°C /W
*1 Glass Epoxy Substrate Mounted (Soldering Lands=2x2mm,Both Sides)
*2 Alumina Substrate Mounted (Soldering Lands=2x2mm,Both Sides)
FRD Type :
EC11FS2
EC11FS2
EC11FS2
EC11FS2
FEATURES
FEATURES
FEATURES
FEATURES
* Miniature Size,Surface Mount Device
* Ultra-Fast Recovery
* Low Forward Voltage Drop
* Low Power Loss, High Efficiency
* High Surge Capability
* Packaged in 12mm Tape and Reel
* Not Rolling During Assembly


Similar Part No. - EC11FS2

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
EC11FS2 KSS-EC11FS2 Datasheet
808Kb / 6P
Fast Recovery Diode
logo
National Instruments Co...
EC11FS2_2015 NI-EC11FS2_2015 Datasheet
125Kb / 1P
FRED
More results

Similar Description - EC11FS2

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
31DF6 NIEC-31DF6 Datasheet
23Kb / 2P
FRD - LOW POWER LOSS, HIGH EFFICIENCY
EC8FS6 NIEC-EC8FS6 Datasheet
169Kb / 5P
FRD - Low Power Loss, High Efficiency
EA21FC4-F NIEC-EA21FC4-F Datasheet
32Kb / 2P
FRD - low Power Loss
EA21FC4 NIEC-EA21FC4 Datasheet
43Kb / 5P
FRD - Low Power Loss
EA31FS2 NIEC-EA31FS2 Datasheet
44Kb / 5P
FRD - Low Power Loss
EA31FS2-F NIEC-EA31FS2-F Datasheet
51Kb / 5P
FRD - Low Power Loss
EA31FS4-F NIEC-EA31FS4-F Datasheet
51Kb / 5P
FRD - Low Power Loss
EA31FS6-F NIEC-EA31FS6-F Datasheet
51Kb / 5P
FRD - Low Power Loss
EA61FC4 NIEC-EA61FC4 Datasheet
42Kb / 5P
FRD - Low Power Loss
EA61FC6 NIEC-EA61FC6 Datasheet
42Kb / 5P
FRD - Low Power Loss
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com