Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2419T Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2419T
Description  Triple 65 MHz CRT Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2419T Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM2419T Datasheet HTML 1Page - National Semiconductor (TI) LM2419T Datasheet HTML 2Page - National Semiconductor (TI) LM2419T Datasheet HTML 3Page - National Semiconductor (TI) LM2419T Datasheet HTML 4Page - National Semiconductor (TI) LM2419T Datasheet HTML 5Page - National Semiconductor (TI) LM2419T Datasheet HTML 6Page - National Semiconductor (TI) LM2419T Datasheet HTML 7Page - National Semiconductor (TI) LM2419T Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (Va)
a
85V
Storage Temperature (TSTG)
b
25 Cto a100 C
Operating Case Temperature TCase
b
20 Cto a90 C
Lead Temperature (soldering k10 sec)
300 C
ESD Tolerance
2 kV
Electrical Characteristics
Unless otherwise specified the following specifications apply for Va e 80V DC input bias VIN DC e 39V 50 VPP output
swing frequency e 1 MHz VBias e 12V CL e 12 pF TA e 25 C see test circuit Figure 1
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 3)
(Note 2)
(Note 3)
(Limit)
ICC
Supply Current (per Amplifier)
InputOutput Open Circuit
27
40
mA
IB
Bias Current (Pins 2 or 7 or 9)
11
mA
VOUT
Output Offset Voltage
40
50
60
V
tr
Rise Time
10% to 90%
5
ns
tf
Fall Time
90% to 10%
5
ns
AV
Voltage Gain
b
13
b
15
b
18
VV
OS
Overshoot
VIN tr tf k 2ns
8
%
LE
Linearlty Error
VOUT e 25V to 75V
8
%
D
AV match
Gain Matching
03
dB
Note 1
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur The guaranteed specifications apply only for the test conditions
listed Some performance characteristics may degrade when the device is not operated under the listed test conditions
Note 2
Typical specifications are at 25 C and represent the most likely parametric norm
Note 3
MinMax limits are guaranteed to National’s AOQL (Average Outgoing Quality Level)
Typical Performance
Characteristics
TA e 25 C Test Circuit Figure 1
TLH11442 – 3
12 pF is the total load capacitance and includes the test fixture capaci-
tance
FIGURE 1 Test Circuit (One Section)
Frequency Response
TLH11442 – 4
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com