Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDF405CS3 Datasheet(PDF) 4 Page - Shoulder Electronics Limited.

Part # HDF405CS3
Description  This specification shall cover the characteristics of SAW filter With F405C used for the page
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDF405CS3 Datasheet(HTML) 4 Page - Shoulder Electronics Limited.

  HDF405CS3 Datasheet HTML 1Page - Shoulder Electronics Limited. HDF405CS3 Datasheet HTML 2Page - Shoulder Electronics Limited. HDF405CS3 Datasheet HTML 3Page - Shoulder Electronics Limited. HDF405CS3 Datasheet HTML 4Page - Shoulder Electronics Limited. HDF405CS3 Datasheet HTML 5Page - Shoulder Electronics Limited. HDF405CS3 Datasheet HTML 6Page - Shoulder Electronics Limited. HDF405CS3 Datasheet HTML 7Page - Shoulder Electronics Limited. HDF405CS3 Datasheet HTML 8Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SAW FILTER
HDF405C
S3
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 4 of 8
2-2.Electrical characteristics
FOR HANDSET
Specification
Item
Sign
condition
Min.
Typ.
Max.
Unit
Pass band frequency rang
400.25
409.75
MHz
Maximum Insertion Loss ILmax. 400.25~409.75
2.5
4.5
dB
Amplitude Ripple
Arip
1.2
2.0
dB
110
40
61
510~520
35
55
Relative attenuation
(Ref:405MHz)
900
25
61
dBc
Input/Output VSWR
400.25~409.75
1.6
2.0
FOR BASE STATION
Specification
Item
Sign
condition
Min.
Typ.
Max.
Unit
Pass band frequency rang
400.5
409.5
MHz
Maximum Insertion Loss ILmax. 400.5~409.5
2.5
4.5
dB
Amplitude Ripple
Arip
2.0
dB
110
40
61
510~520
35
55
Relative attenuation
(Ref:405MHz)
900
30
61
dBc
Input/Output VSWR
400.25~409.75
2.3
3.TEST CIRCUIT



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com