Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2437 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2437
Description  Monolithic Triple 7.5 ns CRT Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2437 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2437 Datasheet HTML 1Page - National Semiconductor (TI) LM2437 Datasheet HTML 2Page - National Semiconductor (TI) LM2437 Datasheet HTML 3Page - National Semiconductor (TI) LM2437 Datasheet HTML 4Page - National Semiconductor (TI) LM2437 Datasheet HTML 5Page - National Semiconductor (TI) LM2437 Datasheet HTML 6Page - National Semiconductor (TI) LM2437 Datasheet HTML 7Page - National Semiconductor (TI) LM2437 Datasheet HTML 8Page - National Semiconductor (TI) LM2437 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LM2437
Monolithic Triple 7.5 ns CRT Driver
General Description
The LM2437 is an integrated high voltage CRT driver circuit
designed for use in color monitor applications. The IC con-
tains three high input impedance, wide band amplifiers
which directly drive the RGB cathodes of a CRT. Each chan-
nel has its gain internally set to −14 and can drive CRT ca-
pacitive loads as well as resistive loads present in other ap-
plications, limited only by the package’s power dissipation.
The IC is packaged in an industry standard 9-lead TO-220
molded plastic power package. See Thermal Considerations
section.
Features
n Well matched with LM1279 video preamp
n 0V to 4.5V input range
n Stable with 0–20 pF capacitive loads and inductive
peaking networks
n Convenient TO-220 staggered lead package style
n Standard LM243X Family Pinout which is designed for
easy PCB layout
Applications
n 1024 x 768 displays up to 85 Hz refresh
n Pixel clock frequencies up to 100 MHz
n Monitors using video blanking
Schematic and Connection Diagrams
DS100932-1
FIGURE 1. Simplified Schematic Diagram
(One Channel)
DS100932-2
Note: TabisatGND
Top View
Order Number LM2437T
August 1999
© 1999 National Semiconductor Corporation
DS100932
www.national.com


Similar Part No. - LM2437

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
LM243-155.52M CONNOR-WINFIELD-LM243-155.52M Datasheet
138Kb / 2P
5.0x7.0mm Surface Mount LVDS Clock Oscillator Series
logo
National Semiconductor ...
LM2432 NSC-LM2432 Datasheet
859Kb / 13P
220V Monolithic Single Channel 37 MHz HDTV CRT Driver
logo
Texas Instruments
LM2432 TI1-LM2432 Datasheet
535Kb / 17P
Monolithic Single Channel 37 MHz HDTV CRT Driver
logo
National Semiconductor ...
LM2432TE NSC-LM2432TE Datasheet
859Kb / 13P
220V Monolithic Single Channel 37 MHz HDTV CRT Driver
LM2433 NSC-LM2433 Datasheet
914Kb / 13P
220V Monolithic Single Channel 16 MHz EDTV CRT Driver
More results

Similar Description - LM2437

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2407 NSC-LM2407 Datasheet
361Kb / 9P
Monolithic Triple 7.5 nS CRT Driver
LM2467 NSC-LM2467 Datasheet
449Kb / 12P
Monolithic Triple 7.5 ns CRT Driver
LM2445 NSC-LM2445 Datasheet
758Kb / 14P
Monolithic Triple 7.5 ns CRT Driver
LM2436 NSC-LM2436 Datasheet
558Kb / 13P
Monolithic Triple 7.5 ns CRT Driver
LM2466 NSC-LM2466 Datasheet
757Kb / 14P
Monolithic Triple 7.5 ns CRT Driver
LM2412A NSC-LM2412A Datasheet
818Kb / 11P
Monolithic Triple 2.8 ns CRT Driver
logo
Texas Instruments
LM2407 TI1-LM2407 Datasheet
1Mb / 13P
Monolithic Triple 7.5 nS CRT Driver
LM2436 TI1-LM2436 Datasheet
1Mb / 13P
Monolithic Triple 7.5 ns CRT Driver
LM2466 TI1-LM2466 Datasheet
1Mb / 14P
Monolithic Triple 7.5 ns CRT Driver
LM2445 TI1-LM2445 Datasheet
1Mb / 15P
Monolithic Triple 7.5 ns CRT Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com