Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC56SP-USB Datasheet(PDF) 2 Page - Synaptics Incorporated.

Part # RC56SP-USB
Description  INTEGRATED V.90/K56FLEX MODEM DEVICE SETS WITH USB INTERFACE FOR DESKTOP APPLICATIONS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

RC56SP-USB Datasheet(HTML) 2 Page - Synaptics Incorporated.

  RC56SP-USB Datasheet HTML 1Page - Synaptics Incorporated. RC56SP-USB Datasheet HTML 2Page - Synaptics Incorporated. RC56SP-USB Datasheet HTML 3Page - Synaptics Incorporated. RC56SP-USB Datasheet HTML 4Page - Synaptics Incorporated. RC56SP-USB Datasheet HTML 5Page - Synaptics Incorporated. RC56SP-USB Datasheet HTML 6Page - Synaptics Incorporated. RC56SP-USB Datasheet HTML 7Page - Synaptics Incorporated. RC56SP-USB Datasheet HTML 8Page - Synaptics Incorporated. RC56SP-USB Datasheet HTML 9Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
5&'86%
,QWHJUDWHG9.IOH[0RGHP'HYLFH6HWVZLWK86%,QWHUIDFH

0'
Table 1. Modem Models and Functions
0RGHO2UGHU3DUW 1XPEHUV
6XSSRUWHG )XQFWLRQV
0DUNHWLQJ
0RGHO 1XPEHU
'HYLFH 6HW
2UGHU 1XPEHU
0&8
>34)3@
3DUW 1R
0'3
>34)3@
3DUW 1R
8&8
>3/&&@
3DUW 1R
9 .IOH[ 'DWD 9 )D[
)D[ &O  DQG  9RLFH7$0
+RVW '69' 9
)'63 $XGLR6SDQ
5&'6386%
'6/
/
5
5
<
<
5&'86%
'6/
/
5
5
<
±
1RWHV

0RGHO RSWLRQV
'
'RZQORDGDEOH
63
6SHDNHUSKRQH
86%
86% LQWHUIDFH

6XSSRUWHG IXQFWLRQV < 6XSSRUWHG ± 1RW VXSSRUWHG 
$XGLR6SDQ
$QDORJ VLPXOWDQHRXV YRLFH DQG GDWD
'69'
'LJLWDO VLPXOWDQHRXV YRLFH DQG GDWD
)D[ &O  DQG 
)D[ &ODVV   DQG )D[ &ODVV  VXSSRUW
)'63
)XOOGXSOH[ VSHDNHUSKRQH
9RLFH7$0
9RLFH DQG WHOHSKRQH DQVZHULQJ PDFKLQH VXSSRUW KDQGVHW VXSSRUW UHTXLUHV 63 PRGHO

5 LV WKH &21(;$17 LQWHUQDO SDUW QXPEHU IRU WKH ,QWHO $$
Information provided by CONEXANT SYSTEMS, INC. is believed to be accurate and reliable. However, no responsibility is assumed by CONEXANT for its use, nor
any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent rights of
CONEXANT other than for circuitry embodied in CONEXANT products. CONEXANT reserves the right to change circuitry at any time without notice. This document
is subject to change without notice.
K56flex is a trademark of CONEXANT SYSTEMS, INC. and Lucent Technologies.
CONEXANT, “What's Next in Communications Technologies”, MNP 10EC, and ConfigurACE are trademarks of CONEXANT SYSTEMS, INC.
MNP is a trademark of Compaq Computer Corporation.
MCS is a registered trademark of Intel Corporation.
©1998, CONEXANT SYSTEMS, INC.
Printed in U.S.A.
All Rights Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com