Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDF433MS4 Datasheet(PDF) 4 Page - Shoulder Electronics Limited.

Part # HDF433MS4
Description  The product shall be packed properly not to be damaged during transportation and storage
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDF433MS4 Datasheet(HTML) 4 Page - Shoulder Electronics Limited.

  HDF433MS4 Datasheet HTML 1Page - Shoulder Electronics Limited. HDF433MS4 Datasheet HTML 2Page - Shoulder Electronics Limited. HDF433MS4 Datasheet HTML 3Page - Shoulder Electronics Limited. HDF433MS4 Datasheet HTML 4Page - Shoulder Electronics Limited. HDF433MS4 Datasheet HTML 5Page - Shoulder Electronics Limited. HDF433MS4 Datasheet HTML 6Page - Shoulder Electronics Limited. HDF433MS4 Datasheet HTML 7Page - Shoulder Electronics Limited. HDF433MS4 Datasheet HTML 8Page - Shoulder Electronics Limited. HDF433MS4 Datasheet HTML 9Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SAW FILTER
HDF433M SMD-4
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 4 of 9
2. Performance
2.1 Absolute Maximum Ratings
Rating
Value
Units
Incident RF Power
+13
dBm
Case Temperature
-40 to +85
℃
DC Voltage Between Any Two Pins
(Observe ESD Precautions)
±30
VDC
2.2
Electrical Characteristics
Reference temperature:
TA = 25℃
Terminating source impedance:
Zs
=
50Ω and matching network
Terminating load impedance:
ZL
=
50Ω and matching network
Characteristic
Min.
Typ.
Center Frequency
fc(center frequency between 3dB points)
--
433.92
--
MHz
Insertion Loss
IL
--
3.0
5.5
dB
3dB Passband
BW3
±300
kHz
3 dB Reject Band
BW3
±500
kHz
at fc-21.4MHz(Image)
40
50
--
at fc-10.7MHz(LO)
15
30
--
Rejection
Ultimate
--
80
--
dB
Operating Case Temperature
Tc
-40
+85
Turnover Temperature
To
15
25
40
℃
Turnover Frequency
fo
fc
MHz
Temperature
Frequency Temperature Coefficient
FTC
0.032
ppm/℃
Frequency Aging
Absolute Value during the First
Year
|fA|
10
ppm/yr



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com