Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2438 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2438
Description  Monolithic Triple 13.5 ns CRT Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2438 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM2438 Datasheet HTML 3Page - National Semiconductor (TI) LM2438 Datasheet HTML 4Page - National Semiconductor (TI) LM2438 Datasheet HTML 5Page - National Semiconductor (TI) LM2438 Datasheet HTML 6Page - National Semiconductor (TI) LM2438 Datasheet HTML 7Page - National Semiconductor (TI) LM2438 Datasheet HTML 8Page - National Semiconductor (TI) LM2438 Datasheet HTML 9Page - National Semiconductor (TI) LM2438 Datasheet HTML 10Page - National Semiconductor (TI) LM2438 Datasheet HTML 11Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Application Hints (Continued)
NSC DEMONSTRATION BOARD
Figure 12 shows the routing and component placement on
the NSC LM1279/2438 demonstration board. The schematic
of the board is shown in
Figure 11. This board provides a
good example of a layout that can be used as a guide for fu-
ture layouts. Note the location of the following components:
•
C54, C56 — V
CC bypass capacitor, located very close to
pin 4 and ground pins
•
C43, C44 — V
BB bypass capacitors, located close to pin
8 and ground
•
C53, C55 — Additional V
CC
bypass capacitors, near
LM2438 and V
CC clamp diodes. Very important for arc
protection.
The routing of the LM2438 outputs to the CRT is very critical
to achieving optimum performance.
Figure 13 shows the
routing and component placement from pin 1 of the LM2438
to the red cathode. Note that the components are placed so
that they almost line up from the output pin of the LM2438 to
the red cathode pin of the CRT connector. This is done to
minimize the length of the video path between these two
components. Note also that D16, D17, R21 and D9 are
placed to minimize the size of the video nodes that they are
attached to. This minimizes parasitic capacitance in the
video path and also enhances the effectiveness of the pro-
tection diodes. The anode of protection diode D17 is con-
nected directly to a section of the the ground plane that has
a short and direct path to the LM2438 ground pins. The cath-
ode of D16 is connected to V
CC very close to decoupling ca-
pacitor C53 (see
Figure 13) which is connected to the same
section of the ground plane as D17. The diode placement
and routing is very important for minimizing the voltage
stress on the LM2438 during an arcover event. Lastly, notice
that S1 is placed very close to the red cathode and is tied di-
rectly to CRT ground.
DS101043-15
FIGURE 10. Waveform at Cathode with LM1279/243X Demo Board
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com