Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFP520F Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BFP520F
Description  Low Noise Silicon Bipolar RF Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP520F Datasheet(HTML) 2 Page - Infineon Technologies AG

  BFP520F Datasheet HTML 1Page - Infineon Technologies AG BFP520F Datasheet HTML 2Page - Infineon Technologies AG BFP520F Datasheet HTML 3Page - Infineon Technologies AG BFP520F Datasheet HTML 4Page - Infineon Technologies AG BFP520F Datasheet HTML 5Page - Infineon Technologies AG BFP520F Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2013-09-19
2
BFP520F
Electrical Characteristics at TA = 25 °C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Collector-emitter breakdown voltage
IC = 1 mA, IB = 0
V(BR)CEO 2.5
3
3.5
V
Collector-emitter cutoff current
VCE = 10 V, VBE = 0
ICES
-
-
10
µA
Collector-base cutoff current
VCB = 5 V, IE = 0
ICBO
-
-
200
mA
Emitter-base cutoff current
VEB = 1 V, IC = 0
IEBO
-
-
35
µA
DC current gain
IC = 20 mA, VCE = 2 V, pulse measured
hFE
70
110
170
-
1For the definition of RthJS please refer to Application Note AN077 (Thermal Resistance Calculation)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com