Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFP450 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # BFP450
Description  Linear Low Noise Silicon Bipolar RF Transistor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP450 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button BFP450_13 Datasheet HTML 3Page - Infineon Technologies AG BFP450_13 Datasheet HTML 4Page - Infineon Technologies AG BFP450_13 Datasheet HTML 5Page - Infineon Technologies AG BFP450_13 Datasheet HTML 6Page - Infineon Technologies AG BFP450_13 Datasheet HTML 7Page - Infineon Technologies AG BFP450_13 Datasheet HTML 8Page - Infineon Technologies AG BFP450_13 Datasheet HTML 9Page - Infineon Technologies AG BFP450_13 Datasheet HTML 10Page - Infineon Technologies AG BFP450_13 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
BFP450
Product Brief
Datasheet
7
Revision 1.2, 2013-07-29
1
Product Brief
The BFP450 is a high linearity wideband NPN bipolar RF transistor. The collector design supports voltages up to
VCEO = 4.5 V and currents up to IC = 170 mA. With its high linearity at currents as low as 50 mA the device supports
energy efficient designs. The typical transition frequency is approximately 24 GHz, hence the device offers high
power gain at frequencies up to 3 GHz in amplifier applications. The device is housed in an easy to use plastic
package with visible leads.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com