Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFP450 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BFP450
Description  Linear Low Noise Silicon Bipolar RF Transistor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP450 Datasheet(HTML) 5 Page - Infineon Technologies AG

  BFP450 Datasheet HTML 1Page - Infineon Technologies AG BFP450 Datasheet HTML 2Page - Infineon Technologies AG BFP450 Datasheet HTML 3Page - Infineon Technologies AG BFP450 Datasheet HTML 4Page - Infineon Technologies AG BFP450 Datasheet HTML 5Page - Infineon Technologies AG BFP450 Datasheet HTML 6Page - Infineon Technologies AG BFP450 Datasheet HTML 7Page - Infineon Technologies AG BFP450 Datasheet HTML 8Page - Infineon Technologies AG BFP450 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
BFP450
List of Figures
Datasheet
5
Revision 1.2, 2013-07-29
Figure 4-1
Total Power Dissipation Ptot = f (Ts) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 5-1
BFP450 Testing Circuit. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 5-2
Collector Current vs. Collector Emitter Voltage IC = f (VCE), IB = Parameter in mA . . . . . . . . . . . . 16
Figure 5-3
DC Current Gain hFE = f (IC), VCE = 3 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 5-4
Collector Current vs. Base Emitter Voltage IC = f (VBE), VCE = 2 V. . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 5-5
Base Current vs. Base Emitter Forward Voltage IB = f (VBE), VCE = 2 V . . . . . . . . . . . . . . . . . . . . 17
Figure 5-6
Base Current vs. Base Emitter Reverse Voltage IB = f (VEB), VCE = 2 V . . . . . . . . . . . . . . . . . . . . 18
Figure 5-7
Transition Frequency fT = f (IC), f = 1 GHz, VCE = Parameter in V . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 5-8
3rd Order Intercept Point OIP3 = f (IC), ZS = ZL= 50 Ω, VCE, f = Parameters . . . . . . . . . . . . . . . . . 19
Figure 5-9
Collector Base Capacitance CCB = f (VCB), f = 1 MHz . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 5-10 Gain Gma, Gms, IS21I² = f (f), VCE = 3 V, IC = 90 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 5-11 Maximum Power Gain Gmax = f (IC), VCE = 3 V, = Parameter in GHz . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 5-12 Maximum Power Gain Gmax = f (VCE), IC = 90 mA, = Parameter in GHz . . . . . . . . . . . . . . . . . . . . 21
Figure 5-13 Input Matching S11 = f (f), VCE = 3 V, IC = 50 / 90 mA. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 5-14 Source Impedance for Minimum Noise Figure = f (f), VCE = 3 V, IC = 50 / 90 mA . . . . . . . . . . . . . 22
Figure 5-15 Output Matching S22 = f (f), VCE = 3 V, IC = 50 / 90 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Figure 5-16 Noise Figure NFmin = f (f), VCE = 3 V, IC = 50 / 90 mA, ZS = Zopt . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Figure 5-17 Noise Figure NFmin = f (IC), VCE = 3 V, ZS = Zopt= Parameter in GHz. . . . . . . . . . . . . . . . . . . . . . . 24
Figure 5-18 Noise Figure NF50 = f (IC), VCE = 3 V, ZS = 50 Ω= Parameter in GHz . . . . . . . . . . . . . . . . . . . . . . 24
Figure 5-19 Comparison Noise Figure NF50 / NFmin= f (IC), VCE = 3 V, f = 1.9 GHz . . . . . . . . . . . . . . . . . . . . . 25
Figure 7-1
Package Outline . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
Figure 7-2
Package Footprint. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
Figure 7-3
Marking Description (Marking BFP450: ANs) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
Figure 7-4
Tape Dimensions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
List of Figures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com