Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDF802ANS3 Datasheet(PDF) 3 Page - Shoulder Electronics Limited.

Part # HDF802ANS3
Description  Low-Loss SAW Filter of cordless system.
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDF802ANS3 Datasheet(HTML) 3 Page - Shoulder Electronics Limited.

  HDF802ANS3 Datasheet HTML 1Page - Shoulder Electronics Limited. HDF802ANS3 Datasheet HTML 2Page - Shoulder Electronics Limited. HDF802ANS3 Datasheet HTML 3Page - Shoulder Electronics Limited. HDF802ANS3 Datasheet HTML 4Page - Shoulder Electronics Limited. HDF802ANS3 Datasheet HTML 5Page - Shoulder Electronics Limited. HDF802ANS3 Datasheet HTML 6Page - Shoulder Electronics Limited. HDF802ANS3 Datasheet HTML 7Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SAW FILTER
HDF802AN
S-3
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 3 of 7
1. Package Dimension
2. Marking
HD F808
2.1
Color: Black or Blue
2.2
802.5: Center Frequency(MHz)
3.Performance
3.1Application
Low-Loss SAW Filter of cordless system.
Center Frequency:802 MHz
3.2Maximum Rating
Operation Temperature Range
-10℃ to +50℃
Storage Temperature Range
-40℃to +85℃
DC. Permissive Voltage
0 V DC. max.
Maximum Input Power
11dBm
3.3 Electronic Characteristics
Item
Frequency
Specification
Center Frequency(fo)
802.5MHz
Pass Band Width
Fo±0.5MHz
Insertion Loss
Passband
4.5dB max.
Stop Band Rejection
Fo-400~-40.8MHz
Fo+50~+400MHz
47dB min.
47dB min.
Terminating Impedance
50Ω//<10nH
2. Input/output
1.3. Ground
6. Input/output
5.7. Ground
4.8. Case ground



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com