Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA55 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SA55
Description  PULSE WIDTH MODULATION AMPLIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SA55 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SA55 Datasheet HTML 1Page - List of Unclassifed Manufacturers SA55 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ABSOLUTE MAXIMUM RATINGS
SPECIFICATIONS
SA55
This data sheet has been carefully checked and is believed to be reliable, however, no responsibility is assumed for possible inaccuracies or omissions. All specifications are subject to change without notice.
SA55U REV.1AUGUST 1999 © 1999 Apex Microtechnology Corp.
ABSOLUTE MAXIMUM RATINGS
SUPPLY VOLTAGE, V
S, Pin 6
60V
VOLTAGE at Pins 3, 4, 5, 8 and 9
12V
VOLTAGE at Bootstrap Pins (Pins 1 and 11)
V
OUT ±16V
PEAK OUTPUT CURRENT (200mS)
10A
CONTINUOUS OUTPUT CURRENT (Note 2)
5A
POWER DISSIPATION (Note 3)
25W
POWER DISSIPATION (T
A = 25°C, Free Air)
3W
JUNCTION TEMPERATURE, T
J(MAX)
150
°C
ESD SUSCEPTIBILITY (Note 4)
1500V
STORAGE TEMPERATURE, T
STG
–40
°C to +150°C
LEAD TEMPERATURE (Soldering, 10 sec.)
300
°C
JUNCTION TERMPERATURE, T
J
–40
°C to +125°C
V
S SUPPLY VOLTAGE
+12V to +55V
NOTE: These specifications apply for V
S = 42V, unless otherwise specified.
SPECIFICATIONS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
SWITCH ON RESISTANCE, RDS(ON)
Output Current = 5A
0.33
0.6
Ω
CLAMP DIODE FORWARD DROP, VCLAMP
Clamp Current = 5A
1.2
1.5
V
LOGIC LOW INPUT VOLTAGE, VIL
Pins 3, 4, 5
–0.1
V
0.8
V
LOGIC LOW INPUT CURRENT, IIL
VIN = –0.1V, Pins = 3, 4, 5
–10
µA
LOGIC HIGH INPUT VOLTAGE, VIH
Pins 3, 4, 5
2
V
12
V
LOGIC HIGH INPUT CURRENT, IIH
VIN = 12V, Pins = 3, 4, 5
10
µA
CURRENT SENSE OUTPUT
IOUT = 1A
485
560
µA
CURRENT SENSE LINEARITY
1A
≤ I
OUT ≤ 5A
±6
±9%
UNDERVOLTAGE LOCKOUT
Outputs Turn OFF
9
V
UNDERVOLTAGE LOCKOUT
Outputs Turn OFF
11
V
WARNING FLAG TEMPERATURE, TJW
Pin 9
≤ 0.8V, I
L = 2 mA
145
°C
FLAG OUTPUT SATURATION VOLTAGE, VF(ON)
TJ = TJw, IL = 2 mA
0.15
V
FLAG OUTPUT LEAKAGE, IF(OFF)
VF = 12V
0.2
10
µA
SHUTDOWN TEMPERATURE, TJSD
Outputs Turn OFF
160
175
°C
QUIESCENT SUPPLY CURRENT, IS
All Logic Inputs Low
13
25
mA
OUTPUT TURN-ON DELAY TIME, tDon
Sourcing Outputs, IOUT = 5A
300
ns
Sinking Outputs, IOUT = 5A
300
ns
OUTPUT TURN-ON SWITCHING TIME, ton
Bootstrap Capacitor = 10 nF
Sourcing Outputs, IOUT = 5A
100
ns
Sinking Outputs, IOUT = 5A
80
ns
OUTPUT TURN-OFF DELAY TIMES, tDoff
Sourcing Outputs, IOUT = 5A
200
ns
Sinking Outputs, IOUT = 5A
200
ns
OUTPUT TURN-OFF SWITCHING TIME, toff
Bootstrap Capacitor = 10 nF
Sourcing Outputs, IOUT = 5A
75
ns
Sinking Outputs, IOUT = 5A
70
ns
MINIMUM INPUT PULSE WIDTH, tpw
Pins 3, 4, 5
1
µs
CHARGE PUMP RISE TIME, tcpr
No Bootstrap Capacitor
20
µs



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com