Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1013 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SA1013
Description  isc Silicon PNP Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SA1013 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SA1013 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SA1013 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc website: www.iscsemi.com
isc & iscsemi is registered trademark
1
isc Silicon PNP Transistor
2SA1013
DESCRIPTION
·
High Voltage and High Current
Vceo=-160V(Min.)
·
Excellent hFE Linearity
·
Low Noise
·
Complement to Type 2SC2383
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
Audio frequency general purpose amplifier Applications
·
Driver stage amplifier applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
-160
V
VCEO
Collector-Emitter Voltage
-160
V
VEBO
Emitter-Base Voltage
-6
V
IC
Collector Curren
-1
A
IB
Base Curren
-500
mA
PC
Collector Power Dissipation
@TC=25℃
900
mW
TJ
Junction Temperature
150
Tstg
Storage Temperature Range
-55~150


Similar Part No. - 2SA1013

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1013 TOSHIBA-2SA1013 Datasheet
190Kb / 3P
TRANSISTOR (COLOR TV VERT. DEFELCTION OUTPUT APPLICATIONS)
logo
List of Unclassifed Man...
2SA1013 ETC-2SA1013 Datasheet
1Mb / 2P
TO 92MOD PLASTIC ENCAPSULATE TRANSISTORS
logo
Toshiba Semiconductor
2SA1013 TOSHIBA-2SA1013 Datasheet
159Kb / 5P
Color TV Verttical Deflection Output Applications Power Switching Applications
logo
SeCoS Halbleitertechnol...
2SA1013 SECOS-2SA1013 Datasheet
375Kb / 2P
PNP Plastic Encapsulated Transistor
logo
Toshiba Semiconductor
2SA1013 TOSHIBA-2SA1013 Datasheet
165Kb / 5P
Color TV Verttical Deflection Output Applications Power Switching Applications
More results

Similar Description - 2SA1013

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SA743 ISC-2SA743 Datasheet
104Kb / 2P
isc Silicon PNP Power Transistor
BDX20 ISC-BDX20 Datasheet
77Kb / 2P
isc Silicon PNP Power Transistor
BD908 ISC-BD908 Datasheet
106Kb / 2P
isc Silicon PNP Power Transistor
2SA1758 ISC-2SA1758 Datasheet
102Kb / 2P
isc Silicon PNP Power Transistor
2SA744 ISC-2SA744 Datasheet
72Kb / 2P
isc Silicon PNP Power Transistor
2SA1301 ISC-2SA1301 Datasheet
78Kb / 2P
isc Silicon PNP Power Transistor
2SA1386 ISC-2SA1386 Datasheet
148Kb / 3P
isc Silicon PNP Power Transistor
2SA1015 ISC-2SA1015 Datasheet
124Kb / 2P
isc Silicon PNP Transistor
2SA1283 ISC-2SA1283 Datasheet
234Kb / 2P
isc Silicon PNP Transistor
MMBT2907A ISC-MMBT2907A Datasheet
298Kb / 2P
isc Silicon PNP Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com