Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPI-6 Datasheet(PDF) 2 Page - Vicor Corporation

Part # QPI-6
Description  14 A Active EMI Filter SIP for 48 Vdc Bus
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

QPI-6 Datasheet(HTML) 2 Page - Vicor Corporation

  QPI-6 Datasheet HTML 1Page - Vicor Corporation QPI-6 Datasheet HTML 2Page - Vicor Corporation QPI-6 Datasheet HTML 3Page - Vicor Corporation QPI-6 Datasheet HTML 4Page - Vicor Corporation QPI-6 Datasheet HTML 5Page - Vicor Corporation QPI-6 Datasheet HTML 6Page - Vicor Corporation QPI-6 Datasheet HTML 7Page - Vicor Corporation QPI-6 Datasheet HTML 8Page - Vicor Corporation QPI-6 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image

Picor Corporation · picorpower.com
QPI-6
Rev 2.6, Page 2 of 13
QPI-6
QUIETPOWER
Absolute Maximum Ratings – Exceeding these parameters may result in permanent damage to the product.
Input Voltage, BUS+ to BUS-, continuous
-80 to 80 Vdc
Input Voltage, BUS+ to BUS-, 100ms transient
-100 to 100 Vdc
BUS+/ BUS- to Shield pads, hi-pot
-1500 to 1500 Vdc
Input to output current, continuous @ 25°C TA
14 Adc
Input to output current, 10 seconds @ 25°C TA
20 Adc
Power dissipation, @ 65°C TA, 14 A
(2)
2.3 W
Operating temperature - TA
-40 to 125 °C
Thermal resistance
(2) - R
J-A, using PCB layout in Figure 24
20 °C/W
Thermal resistance
(2) - R
J-PCB
8 °C/W
Storage temperature, JEDEC Standard J-STD-033B
-55 to 125 °C
Reflow temperature, 20 s exposure
245 °C
ESD, Human body model (HBM)
-2000 to 2000 V
Electrical Characteristics – Parameter limits apply over the operating temp. range, unless otherwise noted.
Parameter
Notes
Min
Typ
Max
Units
BUS+ to BUS- input range
Measured at 14 A, 65°C ambient temperature
(2)
30
80
Vdc
BUS+ to QPI+ voltage drop
Measured at 14 A, 65°C ambient temperature
(2)
135
mVdc
BUS- to QPI- voltage drop
Measured at 14 A, 65°C ambient temperature
(2)
29
mVdc
Common mode attenuation
VBUS = 48 V, Frequency = 250 KHz, line impedance = 50Ω
40
dB
Differential mode attenuation
VBUS = 48 V, Frequency = 250 KHz, line impedance = 50Ω
80
dB
Input bias current at 80 V
Input current from BUS+ to BUS-
8
mA
Note 2: See
Figure 12 for the current de-rating curve.
Pad Descriptions
Pad Number
Name
Description
LGA Pattern (Top View)
12, 13, 14
BUS+
Positive bus potential
1, 15, 16
BUS-
Negative bus potential
7, 8, 9
QPI+
Positive input to the converter
2, 3, 4
QPI-
Negative input to the converter
5, 6
Shield
Shield connects to the system chassis or to a safety ground.
10
THERM1
These pads are electrically isolated from the internal circuitry of
the QPI-6. Either connecting THERM1 to QPI+ and THERM2 to
BUS+, or to copper region(s) not connected to Shield, is
recommended to help with thermal management.
11
THERM2
Ordering Information
Part Number
Description
QPI-6LZ
(3)
QPI-6 LGA Package, RoHS Compliant
QPI-6LZ-01
QPI-6 LGA Package, RoHS Compliant, Open Frame Package
Note 3: QPI-6LZ is a non-hermetically sealed package. Please read the “Post Solder Cleaning” section on page 12.
QPI-6 Evaluation Boards
Part #
Description:
QPI-6-EVAL1
A QPI-6LZ mounted on a small evaluation board with screw terminal blocks to allow for easy connection into an
existing system.
QPI-6-CB1
A QPI-6LZ mounted on a carrier board designed for use with DOSA compliant footprint dc-dc converters. Screw
terminal blocks to allow for easy connection into an existing system.
THERM2
BUS-
QPI+
QPI-
Shield
BUS+
1
2
3
4
5
6
15
16
12
11
10
9
7
8
13
14
THERM1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com