Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G34GV Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74LVC2G34GV
Description  DUAL BUFFER GATE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC2G34GV Datasheet(HTML) 3 Page - NXP Semiconductors

  74LVC2G34GV Datasheet HTML 1Page - NXP Semiconductors 74LVC2G34GV Datasheet HTML 2Page - NXP Semiconductors 74LVC2G34GV Datasheet HTML 3Page - NXP Semiconductors 74LVC2G34GV Datasheet HTML 4Page - NXP Semiconductors 74LVC2G34GV Datasheet HTML 5Page - NXP Semiconductors 74LVC2G34GV Datasheet HTML 6Page - NXP Semiconductors 74LVC2G34GV Datasheet HTML 7Page - NXP Semiconductors 74LVC2G34GV Datasheet HTML 8Page - NXP Semiconductors 74LVC2G34GV Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
2004 Sep 10
3
Philips Semiconductors
Product specification
Dual buffer gate
74LVC2G34
FUNCTION TABLE
See note 1.
Note
1. H = HIGH voltage level;
L = LOW voltage level.
ORDERING INFORMATION
PINNING
INPUT
OUTPUT
nA
nY
LL
HH
TYPE NUMBER
PACKAGE
TEMPERATURE RANGE
PINS
PACKAGE
MATERIAL
CODE
MARKING
74LVC2G34GW
−40 °C to +125 °C
6
SC-88
plastic
SOT363
YA
74LVC2G34GV
−40 °C to +125 °C
6
SC-74
plastic
SOT457
Y34
74LVC2G34GM
−40 °C to +125 °C
6
XSON6
plastic
SOT886
YA
PIN
SYMBOL
DESCRIPTION
1
1A
data input
2
GND
ground (0 V)
3
2A
data input
4
2Y
data output
5VCC
supply voltage
6
1Y
data output
34
1A
1Y
GND
2A
2Y
001aab676
1
2
3
6
VCC
5
4
Fig.1 Pin configuration SC-88 and SC-74.
34
GND
001aab677
1A
2A
VCC
1Y
2Y
Transparent top view
2
3
1
5
4
6
Fig.2 Pin configuration XSON6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com