Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDM8401 Datasheet(PDF) 4 Page - SamHop Microelectronics Corp.

Part # SDM8401
Description  Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SDM8401 Datasheet(HTML) 4 Page - SamHop Microelectronics Corp.

  SDM8401 Datasheet HTML 1Page - SamHop Microelectronics Corp. SDM8401 Datasheet HTML 2Page - SamHop Microelectronics Corp. SDM8401 Datasheet HTML 3Page - SamHop Microelectronics Corp. SDM8401 Datasheet HTML 4Page - SamHop Microelectronics Corp. SDM8401 Datasheet HTML 5Page - SamHop Microelectronics Corp. SDM8401 Datasheet HTML 6Page - SamHop Microelectronics Corp. SDM8401 Datasheet HTML 7Page - SamHop Microelectronics Corp. SDM8401 Datasheet HTML 8Page - SamHop Microelectronics Corp. SDM8401 Datasheet HTML 9Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
F igure 1. Output C har acter istics
F igure 2. Tr ansfer C har acter istics
F igure 4. On-R esistance Var iation with
Dr ain C ur rent and Temper ature
F igure 3. C apacitance
V DS , Drain-to S ource Voltage (V )
V GS , G ate-to-S ource Voltage (V )
V DS , Drain-to-S ource Voltage (V )
ID, Drain C urrent(A)
4
5
25
20
15
10
5
0
0
0.5
1
1.5
2
2.5
3
V GS =10,9,8,7,6,5,V
V GS =4V
-55 C
25 C
25
20
15
10
5
0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
T j=125 C
T j=125 C
25 C
-55 C
0.030
0.025
0.020
0.015
0.010
0.005
0
0
5
10
15
20
V GS =10V
3000
2500
2000
1500
1000
500
0
0
5
10
15
20
25
30
C iss
C oss
C rss
S DM8401
Parameter
S ymbol
Condition
Min Typ Max Unit
E LE CTR ICAL CHAR ACTE R IS TICS (TA=25 C unless otherwise noted)
DRAIN-SOURCE DIODE CHARACTERISTICS
Diode Forward Voltage
VSD
VGS = 0V, Is =1.7A
N-C h
0.77
1.2
-0.80 -1.2
VGS = 0V, Is =-1.7A P -C h
V
b
C
Notes
c.Guaranteed by design, not subject to production testing.
b.Pulse Test:Pulse Width 300μs, Duty Cycle 2%.
<
<
a.Surface Mounted on FR 4 Board, t 10sec.
<
N-C hannel



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com