Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDQ07P Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # ESDQ07P
Description  Uni-directional TVS for fast charging
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

ESDQ07P Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  ESDQ07P Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd ESDQ07P Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd ESDQ07P Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Uni-directional TVS for fast charging
Features
Applications
Dimensions
Pin Configuration
Mechanical Characteristics
Rev : 01.06.2014
1/3
www.leiditech.com
Absolute Maximum Ratings(Tamb=25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Peak Pulse Power (8/20µs)
Ppp
1300
W
ESD per IEC 61000−4−2 (Air)
VESD
±
25
Kv
ESD per IEC 61000−4−2 (Contact)
±
25
Operating Temperature Range
TJ
-55 to +150
℃
Storage Temperature Range
TSTJ
-55 to +150
℃
•
Ultra small package: 1.6x0.8x0.5mm
•
Protects one data or power line
•
Ultra low leakage: nA level
•
Low clamping voltage
•
2-pin leadless package
•
Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±25kV
Contact discharge: ±25kV
– IEC61000-4-4 (EFT) 65A (5/50ns)
– IEC61000-4-5 (Lightning) 65A (8/20)
•
RoHS Compliant
•
Mobile Phones
•
Battery Protection
•
Power Line Protection
•
Vbat pin for Mobile Devices
•
Hand Held Portable Applications
•
Package:
•
Lead Finish: NiPdAu
•
Case Material: “Green” Molding Compound.
•
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 3 per J-STD-020
ESDQ07P
Quantity Per Reel:3,000pcs
Reel Size:7 inch
•
•
WBFBP-02L
WBFBP-02L


Similar Part No. - ESDQ07P

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
ESDQ12VFA1 JIANGSU-ESDQ12VFA1 Datasheet
10Mb / 6P
Uni-direction ESD Protection Diode
ESDQ7V0D3 JIANGSU-ESDQ7V0D3 Datasheet
751Kb / 6P
Uni-direction ESD Protection Diode
ESDQ7V0FA1 JIANGSU-ESDQ7V0FA1 Datasheet
10Mb / 6P
Uni-direction ESD Protection Diode
More results

Similar Description - ESDQ07P

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SD05 DIODES-SD05 Datasheet
74Kb / 4P
UNI-DIRECTIONAL SURFACE MOUNT TVS
DS31594 Rev. 4 - 2
logo
Shanghai Leiditech Elec...
SD0771P6 LEIDITECH-SD0771P6 Datasheet
736Kb / 3P
Uni-directional TVS for fast charging
logo
SeCoS Halbleitertechnol...
SD24-C SECOS-SD24-C Datasheet
123Kb / 2P
TVS Protection (Uni-Directional)
SD36 SECOS-SD36_17 Datasheet
300Kb / 2P
TVS Protection (Uni-Directional)
logo
Shanghai Leiditech Elec...
SD0791P1W LEIDITECH-SD0791P1W Datasheet
1Mb / 4P
UNI-DIRECTIONAL TVS DIODE
SDA1501DN LEIDITECH-SDA1501DN Datasheet
1Mb / 4P
UNI-DIRECTIONAL TVS DIOD E
logo
First Silicon Co., Ltd
FTVS2491D2 FS-FTVS2491D2 Datasheet
319Kb / 4P
Uni-directional TVS Diode
logo
Diodes Incorporated
D14V0H1U2LP DIODES-D14V0H1U2LP Datasheet
294Kb / 5P
14V UNI-DIRECTIONAL TVS DIODE
January 2019 Rev. 3 - 2
D18V0H1U2LP DIODES-D18V0H1U2LP Datasheet
294Kb / 5P
18V UNI-DIRECTIONAL TVS DIODE
January 2019 Rev. 2 - 2
D24V0H1U2LP DIODES-D24V0H1U2LP Datasheet
200Kb / 5P
24V UNI-DIRECTIONAL TVS DIODE
January 2019 Rev. 2 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com