Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2453TA Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2453TA
Description  Monolithic Triple 6 nS CRT Driver With Integrated Clamp and G1 Blanking
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2453TA Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2453TA Datasheet HTML 1Page - National Semiconductor (TI) LM2453TA Datasheet HTML 2Page - National Semiconductor (TI) LM2453TA Datasheet HTML 3Page - National Semiconductor (TI) LM2453TA Datasheet HTML 4Page - National Semiconductor (TI) LM2453TA Datasheet HTML 5Page - National Semiconductor (TI) LM2453TA Datasheet HTML 6Page - National Semiconductor (TI) LM2453TA Datasheet HTML 7Page - National Semiconductor (TI) LM2453TA Datasheet HTML 8Page - National Semiconductor (TI) LM2453TA Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LM2453
Monolithic Triple 6 nS CRT Driver With Integrated Clamp
and G1 Blanking
General Description
The AC2DC driver is an integrated high voltage triple CRT
driver circuit designed for use in color monitor applications.
The input signal interface to the IC is a multiplexed signal
containing both clamp and video signal information, relative
to a 1.7 V
DC reference.
The IC contains three high gain, high input impedance, wide
band amplifiers which directly drive the RGB cathodes of a
CRT. Each channel has its gain internally set to −52 and can
drive CRT capacitive loads as well as resistive loads present
in other applications, limited only by the package’s power
dissipation.
Integrated with the driver is triple clamp circuit for DC recov-
ery of each of the AC coupled outputs. The DC clamp circuit
amplifies the clamp signal that is multiplexed on the video
signal input. The DC clamp amplifiers are high gain, high in-
put impedance amplifiers, setting a low impedance DC level
at the clamp output which can be used to restore the DC
level of the cathode drive. Each channel has a gain that is in-
ternally set to +73.
Also integrated within the package is a 40 V
P-P vertical
blanking driver that is designed to provide vertical retrace
blanking on G1 of the CRT. This is a current limited, low im-
pedance output capable of driving normal G1 decoupling ca-
pacitances via an external resistor. The output of the G1
driver can also be used to drive a voltage boost capacitor (22
µF). When connected between the G1 drive output and the
120V supply input pin, a 120V boost supply is achieved
which can be used to drive the internal DC clamp circuit,
thereby eliminating the requirement for a 120V clamp supply.
The IC is packaged in an industry standard 15-lead TO-220
molded plastic power package.
Features
n
Low power dissipation
n
Well matched with LM1253A video pre-amp
n
Three wideband video amplifiers
n
Three integrated active clamp circuits
n
Convenient TO-220 staggered lead package
n
Built in horizontal blanking
n
Integrated 120V supply and G1 vertical blank drive
circuit
Applications
n
1280 x 1024 Resolution displays up to 85 Hz refresh
n
Pixel clock frequencies up to 135 MHz
n
Monitors requiring horizontal video blanking
Block Diagram
Package Pinout
DS101302-1
FIGURE 1. LM2453 Block Diagram
DS101302-2
FIGURE 2. LM2453 Package Pinout
Order Number LM2453TA
April 2000
© 2000 National Semiconductor Corporation
DS101302
www.national.com


Similar Part No. - LM2453TA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2450 NSC-LM2450 Datasheet
1Mb / 12P
220V Monolithic Triple Channel 7 MHz DC Coupled CRT DTV Driver
logo
Texas Instruments
LM2450 TI1-LM2450 Datasheet
3Mb / 14P
Monolithic Triple Channel 7 MHz DC Coupled CRT DTV Driver
logo
National Semiconductor ...
LM2451 NSC-LM2451 Datasheet
1Mb / 12P
220V Monolithic Triple Channel 12 MHz DC Coupled CRT DTV Driver
logo
Texas Instruments
LM2451 TI1-LM2451 Datasheet
3Mb / 14P
Monolithic Triple Channel 12 MHz DC Coupled CRT DTV Driver
logo
National Semiconductor ...
LM2451TB NSC-LM2451TB Datasheet
1Mb / 12P
220V Monolithic Triple Channel 12 MHz DC Coupled CRT DTV Driver
More results

Similar Description - LM2453TA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2402 NSC-LM2402 Datasheet
816Kb / 11P
Monolithic Triple 3 ns CRT Driver
LM2405 NSC-LM2405 Datasheet
191Kb / 7P
Monolithic Triple 7 ns CRT Driver
LM2408 NSC-LM2408 Datasheet
154Kb / 8P
Monolithic Triple 4.5 ns CRT Driver
LM2412 NSC-LM2412 Datasheet
815Kb / 11P
Monolithic Triple 2.8 ns CRT Driver
LM2415 NSC-LM2415 Datasheet
459Kb / 10P
Monolithic Triple 5.5 ns CRT Driver
LM2439 NSC-LM2439 Datasheet
527Kb / 9P
Monolithic Triple 9.5 ns CRT Driver
LM2470 NSC-LM2470 Datasheet
841Kb / 14P
Monolithic Triple 7.0 ns CRT Driver
LM2457 NSC-LM2457 Datasheet
839Kb / 14P
Monolithic Triple 7.5nS CRT Driver With Integrated Clamp and G1 Blanking
LM2412A NSC-LM2412A Datasheet
818Kb / 11P
Monolithic Triple 2.8 ns CRT Driver
logo
Texas Instruments
LM2445 TI1-LM2445 Datasheet
1Mb / 15P
Monolithic Triple 7.5 ns CRT Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com