Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC15CI Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LC15CI
Description  Ultra Low Capacitance Bi-Directional TVS Diode Array
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LC15CI Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LC15CI Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LC15CI Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LC15CI Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LC15CI
Ultra Low Capacitance Bi-Directional TVS Diode Array
Features
●
Ultra low leakage: nA level
●
Operating voltage: 15V
●
Low clamping voltage
●
Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±30kV
Contact discharge: ±30kV
– IEC61000-4-4 (EFT) 40A (5/50ns)
– IEC61000-4-5 (Lightning) 12A (8/20μs)
●
RoHS Compliant
Applications
●
USB 2.0 power and data line
●
Set-top box and digital TV
●
Digital video interface (DVI)
●
Notebook Computers
●
SIM Ports
●
10/100 Ethernet
Dimensions SOD-323
Pin Configuration
Mechanical Characteristics
●
Package: SOD-323
●
Lead Finish: Lead Free
●
UL Flammability Classification Rating 94V-0
●
Quantity Per Reel:3000pcs
●
Reel Size:7 inch
Rev : 01.06.2014
1/3
www.leiditech.com
Absolute Maximum Ratings(Tamb=25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Peak Pulse Power (8/20µs)
Ppp
350
W
ESD per IEC 61000−4−2 (Air)
VESD
± 30
Kv
ESD per IEC 61000−4−2 (Contact)
± 30
Operating Temperature Range
TJ
-55 to +125
℃
Storage Temperature Range
TSTJ
-55 to +150
℃


Similar Part No. - LC15CI

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
LC15CI SHUNYE-LC15CI Datasheet
4Mb / 7P
LCxxCI Series 1-Line Low Capacitance Bi-directional TVS Diode
More results

Similar Description - LC15CI

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LC3304EP8_V1 LEIDITECH-LC3304EP8_V1 Datasheet
426Kb / 3P
Ultra Low Capacitance Bi-Directional TVS Diode Array
SLVU2.8-4 LEIDITECH-SLVU2.8-4_V01 Datasheet
406Kb / 3P
Ultra Low Capacitance Bi-Directional TVS Diode Array
SLVU2.8-4L LEIDITECH-SLVU2.8-4L Datasheet
858Kb / 4P
Ultra Low Capacitance Bi-Directional TVS Diode Array
SLVU2.8-8 LEIDITECH-SLVU2.8-8 Datasheet
290Kb / 3P
Ultra Low Capacitance Bi-Directional TVS Diode Array
LC12CIH LEIDITECH-LC12CIH Datasheet
375Kb / 3P
Ultra Low Capacitance Bi-Directional TVS Diode Array
LC36CI LEIDITECH-LC36CI Datasheet
374Kb / 3P
Ultra Low Capacitance Bi-Directional TVS Diode Array
UDD32C24L01 LEIDITECH-UDD32C24L01 Datasheet
390Kb / 3P
Ultra Low Capacitance Bi-Directional TVS Diode Array
ULC03CTN LEIDITECH-ULC03CTN Datasheet
1Mb / 4P
Ultra Low Capacitance Bi-Directional TVS Diode Array
ULC05CTN LEIDITECH-ULC05CTN Datasheet
945Kb / 4P
Ultra Low Capacitance Bi-Directional TVS Diode Array
PESD1LIN LEIDITECH-PESD1LIN Datasheet
605Kb / 3P
Ultra Low Capacitance Bi-Directional TVS Diode Array
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com