Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLED06 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # PLED06
Description  Bi-directional Open LED protector
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

PLED06 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  PLED06 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd PLED06 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd PLED06 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PLED06B
Bi-directional Open LED protector
Description
The open LED protector provides a switching electronic
shunt path when an LED in an LED array fails as an
open circuit. This ensures that the entire array of LEDs
will continue to function even if a single LED in the array
does not.
This provides higher reliable lighting functions in
applications such as headlights, aircrafts, aircraft runway
lighting, Road side warning lights, etc.
This device is compatible with one, two and Three watt
LEDs that have a nominal 3V forward characteristic.
Features & Benefits
Fast switching
Automatically resets after power cycle
Compatible with industrial lighting environments
Compatible with PWM frequencies up to 30 kHz
RoHS compliant and halogen-free
Schematic Symbol
Rev : 01.06.2014
1/3
www.leiditech.com
Dimensions SMA/DO-214AC
Electrical Characteristics(TA=25°C unless otherwise specified)
Part Number
Device
Marking
VDRM
IDRM
VBR
Is
IT
VT
IH
Critical
rate of
rise dV/dt
Min (V) Max μA Max (V) Max (mA) Max (A) Max (V) Min(mA)
PLED06B
PLED06
6.0
10
15
600
1
1.5
5
250V/μs
General Notes:
◆
All measurements are made at an ambient temperature of 25℃.Ipp applies to -40℃ through +85℃
temperature range.
◆
Special voltage (VBO and VDRM) and holding current (IH) requirements are available up on request.
Electrical Parameters(Tamb=25℃)
Symbol
Parameter
Symbol
Parameter
VDRM
Stand-off voltage is
measured at IDRM
IH
Holding current
IDRM
Leakage current is
measured at VDRM
VT
ON-state current
VBR
Break over voltage is
measured at 100V/μs
IT
ON-state voltage
IS
Bread over current
Control
Circuit
MT
2
MT1
Cathode


Similar Part No. - PLED06

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
PLED06A LEIDITECH-PLED06A Datasheet
528Kb / 3P
Bi-directional Open LED protector
PLED06A2 LEIDITECH-PLED06A2 Datasheet
511Kb / 3P
LED Shunt Protection
PLED06B1 LEIDITECH-PLED06B1 Datasheet
470Kb / 3P
Bi-directional Open LED protector
PLED06CA LEIDITECH-PLED06CA Datasheet
568Kb / 3P
LED Shunt Protection
PLED06CB LEIDITECH-PLED06CB Datasheet
603Kb / 3P
LED Shunt Protection
More results

Similar Description - PLED06

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
TSP058A PANJIT-TSP058A Datasheet
87Kb / 6P
AXIAL LEAD BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
TSP058B PANJIT-TSP058B Datasheet
117Kb / 7P
AXIAL LEAD BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
TSP058C PANJIT-TSP058C Datasheet
116Kb / 7P
AXIAL LEAD BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
TSP058SA PANJIT-TSP058SA Datasheet
109Kb / 7P
SURFACE MOUNT BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
TSP058SB PANJIT-TSP058SB Datasheet
109Kb / 7P
SURFACE MOUNT BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
TSP058SC PANJIT-TSP058SC Datasheet
110Kb / 7P
SURFACE MOUNT BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
logo
Shanghai Leiditech Elec...
PLED06B1 LEIDITECH-PLED06B1 Datasheet
470Kb / 3P
Bi-directional Open LED protector
logo
Green Power Solutions s...
GOB94018 GPSEMI-GOB94018_17 Datasheet
109Kb / 3P
BI-DIRECTIONAL BI-DIRECTIONAL
GOB95023 GPSEMI-GOB95023 Datasheet
118Kb / 3P
BI-DIRECTIONAL BI-DIRECTIONAL
logo
Shanghai Leiditech Elec...
PLED06A LEIDITECH-PLED06A Datasheet
528Kb / 3P
Bi-directional Open LED protector
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com