Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2467T Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2467T
Description  Monolithic Triple 7.5 ns CRT Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2467T Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM2467T Datasheet HTML 3Page - National Semiconductor (TI) LM2467T Datasheet HTML 4Page - National Semiconductor (TI) LM2467T Datasheet HTML 5Page - National Semiconductor (TI) LM2467T Datasheet HTML 6Page - National Semiconductor (TI) LM2467T Datasheet HTML 7Page - National Semiconductor (TI) LM2467T Datasheet HTML 8Page - National Semiconductor (TI) LM2467T Datasheet HTML 9Page - National Semiconductor (TI) LM2467T Datasheet HTML 10Page - National Semiconductor (TI) LM2467T Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Application Hints (Continued)
provides a good example of a layout that can be used as a
guide for future layouts. Note the location of the following
components:
•
C19—V
CC bypass capacitor, located very close to pin 4
and ground pins
•
C20—V
BB bypass capacitors, located close to pin 8 and
ground
•
C46, C47, C48 — V
CC bypass capacitors, near LM2467
and V
CC clamp diodes. Very important for arc protection.
The routing of the LM2467 outputs to the CRT is very critical
to achieving optimum performance.
Figure 13 shows the
routing and component placement from pin 1 of the LM2467
to the blue cathode. Note that the components are placed so
that they almost line up from the output pin of the LM2467 to
the blue cathode pin of the CRT connector. This is done to
minimize the length of the video path between these two
components. Note also that D8, D9, R24 and D6 are placed
to minimize the size of the video nodes that they are at-
tached to. This minimizes parasitic capacitance in the video
path and also enhances the effectiveness of the protection
diodes. The anode of protection diode D8 is connected
directly to a section of the the ground plane that has a short
and direct path to the LM2467 ground pins. The cathode of
D9 is connected to V
CC very close to decoupling capacitor
C19 (see
Figure 13) which is connected to the same section
of the ground plane as D8. The diode placement and routing
is very important for minimizing the voltage stress on the
LM2467 during an arcover event. Lastly, notice that S3 is
placed very close to the blue cathode and is tied directly to
CRT ground.
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com