Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN75518 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN75518
Description  VACUUM FLUORESCENT DISPLAY DRIVERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75518 Datasheet(HTML) 1 Page - Texas Instruments

  SN75518 Datasheet HTML 1Page - Texas Instruments SN75518 Datasheet HTML 2Page - Texas Instruments SN75518 Datasheet HTML 3Page - Texas Instruments SN75518 Datasheet HTML 4Page - Texas Instruments SN75518 Datasheet HTML 5Page - Texas Instruments SN75518 Datasheet HTML 6Page - Texas Instruments SN75518 Datasheet HTML 7Page - Texas Instruments SN75518 Datasheet HTML 8Page - Texas Instruments SN75518 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SN65518, SN75518
VACUUM FLUORESCENT DISPLAY DRIVERS
SLDS004B – MARCH 1983 – REVISED MAY 1990
Copyright
© 1990, Texas Instruments Incorporated
4–1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
• Each Device Drives 32 Lines
• 60-V Output Voltage Swing Capability
• 25-mA Output Source Current Capability
• High-Speed Serially Shifted Data Input
• Latches on All Driver Outputs
description
The SN65518 and SN75518 are monolithic
BIDFET† integrated circuits designed to drive a
dot matrix or segmented vacuum fluorescent
display.
Each device consists of a 32-bit shift register, 32
latches, and 32 output AND gates. Serial data is
entered into the shift register on the low-to-high
transition of CLOCK. While LATCH ENABLE is
high, parallel data is transferred to the output
buffers through a 32-bit latch. Data present in the
latch during the high-to-low transition of LATCH
ENABLE is latched. When STROBE is low, all Q
outputs are enabled. When STROBE is high, all Q
outputs are low.
Serial data output from the shift register may be
used to cascade additional devices. This output is
not affected by LATCH ENABLE or STROBE.
The SN65518 is characterized for operation from
–40
°C to 85°C. The SN75518 is characterized for
operation from 0
°C to 70°C.
† BIDFET – Bipolar, double-diffused, N-channel and P-channel MOS transistors on same chip. This is a patented process.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
VCC2
SERIAL OUT
Q32
Q31
Q30
Q29
Q28
Q27
Q26
Q25
Q24
Q23
Q22
Q21
Q20
Q19
Q18
Q17
STROBE
GND
VCC1
DATA IN
Q1
Q2
Q3
Q4
Q5
Q6
Q7
Q8
Q9
Q10
Q11
Q12
Q13
Q14
Q15
Q16
LATCH ENABLE
CLOCK
N PACKAGE
(TOP VIEW)
Q4
Q5
Q6
Q7
Q8
Q9
Q10
Q11
Q12
Q13
NC
39
38
37
36
35
34
33
32
31
30
29
18 19
7
8
9
10
11
12
13
14
15
16
17
Q29
Q28
Q27
Q26
Q25
Q24
Q23
Q22
Q21
Q20
Q19
20 21 22 23
FN PACKAGE
(TOP VIEW)
54
3
2
1
644
42 41 40
43
24 25 26 27 28
NC – No internal connection
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN75518

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75518 TI-SN75518 Datasheet
132Kb / 9P
VACUUMFLUORESCENT DISPLAY DRIVERS
SN75518FN TI-SN75518FN Datasheet
132Kb / 9P
VACUUMFLUORESCENT DISPLAY DRIVERS
SN75518FNR TI-SN75518FNR Datasheet
132Kb / 9P
VACUUMFLUORESCENT DISPLAY DRIVERS
SN75518N TI-SN75518N Datasheet
132Kb / 9P
VACUUMFLUORESCENT DISPLAY DRIVERS
More results

Similar Description - SN75518

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7570 SANYO-LC7570 Datasheet
88Kb / 4P
Static Drivers for Vacuum Fluorescent Display for Frequency Display Applications
logo
Allegro MicroSystems
6118 ALLEGRO-6118 Datasheet
135Kb / 8P
VACUUM FLUORESCENT DISPLAY DRIVER
logo
Texas Instruments
SN65512C TI-SN65512C Datasheet
85Kb / 7P
VACUUM FLUORESCENT DISPLAY DRIVERS
TL4810B TI-TL4810B Datasheet
334Kb / 6P
VACUUM FLUORESCENT DISPLAY DRIVERS
SN65512 TI1-SN65512 Datasheet
111Kb / 7P
VACUUM FLUORESCENT DISPLAY DRIVERS
SN65512B TI1-SN65512B Datasheet
116Kb / 7P
VACUUM FLUORESCENT DISPLAY DRIVERS
TL5812 TI1-TL5812 Datasheet
131Kb / 8P
VACUUM FLUORESCENT DISPLAY DRIVERS
TL5812FN TI-TL5812FN Datasheet
118Kb / 8P
VACUUM FLUORESCENT DISPLAY DRIVERS
SN65512C TI1-SN65512C_09 Datasheet
100Kb / 7P
VACUUM FLUORESCENT DISPLAY DRIVERS
TL4810B_1998 TI1-TL4810B_1998 Datasheet
110Kb / 7P
VACUUM FLUORESCENT DISPLAY DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com