Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST26C32CF16 Datasheet(PDF) 1 Page - Exar Corporation

Part # ST26C32CF16
Description  QUAD RS-422, RS-423 CMOS Differential Line Receiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST26C32CF16 Datasheet(HTML) 1 Page - Exar Corporation

  ST26C32CF16 Datasheet HTML 1Page - Exar Corporation ST26C32CF16 Datasheet HTML 2Page - Exar Corporation ST26C32CF16 Datasheet HTML 3Page - Exar Corporation ST26C32CF16 Datasheet HTML 4Page - Exar Corporation ST26C32CF16 Datasheet HTML 5Page - Exar Corporation ST26C32CF16 Datasheet HTML 6Page - Exar Corporation ST26C32CF16 Datasheet HTML 7Page - Exar Corporation ST26C32CF16 Datasheet HTML 8Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ST26C32
...the analog plus companyTM
QUAD RS-422, RS-423 CMOS
Differential Line Receiver
Rev. 1.01
E1991
EXAR Corporation, 48720 Kato Road, Fremont, CA 94538
z (510) 668-7000 z FAX (510) 668-7017
1
June 1997–3
FEATURES
D Pin-to-Pin Compatible with National DS26C32C
D Low Power CMOS Design
D Three-State Outputs with Enable Pin
D Meets the EIA RS-422 Requirements
D Low Propagation Delays
D High Speed
GENERAL DESCRIPTION
The ST26C32 is a CMOS quad differential line receiver
designed to meet the standard RS-422, RS-423
requirements. The ST26C32 has an input sensitivity of
200mv over the common mode input voltage range of
±7V. To improve noise margin and output stability for slow
changing input signal, special hysteresis is built in the
ST26C32 circuit.
The ST26C32 is a high speed line receiver designed to
operate with MFM / RLL controllers and hard disk drives
as well as RS-422, and RS-423 differential applications.
ST26C32 provides TTL compatible outputs to interface
with standard 74LS and CMOS design environments.
ST26C32 is suitable for low power 5V operation.
ORDERING INFORMATION
Part No.
Package
Operating
Temperature Range
ST26C32CP16
16 Lead 300 Mil PDIP
0
°C to +70°C
ST26C32CF16
16 Lead 150 Mil JEDEC SOIC
0
°C to +70°C
ST26C32IP16
16 Lead 300 Mil PDIP
-40
°C to +85°C
ST26C32IF16
16 Lead 150 Mil JEDEC SOIC
-40
°C to +85°C
Figure 1. Block Diagram
INPUT D-
INPUT D+
OUTPUT D
-ENABLE
OUTPUT C
INPUT C+
INPUT C-
INPUT A-
INPUT A+
OUTPUT A
ENABLE
INPUT B-
INPUT B+
OUTPUT B


Similar Part No. - ST26C32CF16

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST26C32A STMICROELECTRONICS-ST26C32A Datasheet
173Kb / 15P
CMOS quad tri-state differential line receiver
02-May-2006
ST26C32AB STMICROELECTRONICS-ST26C32AB Datasheet
621Kb / 14P
CMOS quad 3-state differential line receiver
12-Jun-2008
ST26C32ABDR STMICROELECTRONICS-ST26C32ABDR Datasheet
173Kb / 15P
CMOS quad tri-state differential line receiver
02-May-2006
ST26C32ABDR STMICROELECTRONICS-ST26C32ABDR Datasheet
621Kb / 14P
CMOS quad 3-state differential line receiver
12-Jun-2008
ST26C32ABN STMICROELECTRONICS-ST26C32ABN Datasheet
173Kb / 15P
CMOS quad tri-state differential line receiver
02-May-2006
More results

Similar Description - ST26C32CF16

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS3486 NSC-DS3486 Datasheet
139Kb / 6P
Quad RS-422, RS-423 Line Receiver
DS96172 NSC-DS96172 Datasheet
209Kb / 6P
RS-485/RS-422 Quad Differential Line Drivers
DS96173 NSC-DS96173 Datasheet
173Kb / 6P
RS-485/RS-422 Quad Differential Line Receivers
logo
Analog Devices
ADM5180 AD-ADM5180 Datasheet
101Kb / 6P
Octal, RS-232/RS-423 Line Receiver
REV.0
logo
Sipex Corporation
SP306 SIPEX-SP306 Datasheet
74Kb / 6P
RS-422/RS-423 Line Drivers/Receivers
logo
Exar Corporation
ST34C87 EXAR-ST34C87 Datasheet
72Kb / 8P
QUAD RS-422 CMOS Differential Line Driver
logo
National Semiconductor ...
DS3486 NSC-DS3486_07 Datasheet
255Kb / 8P
Quad RS-422, RS-423 Line Receiver
logo
Texas Instruments
DS3486MX TI1-DS3486MX Datasheet
767Kb / 12P
DS3486 Quad RS-422, RS-423 Line Receiver
DS96172 TI1-DS96172_15 Datasheet
770Kb / 13P
RS-485/RS-422 Quad Differential Line Drivers
DS96173 TI1-DS96173_15 Datasheet
747Kb / 11P
RS-485/RS-422 Quad Differential Line Receivers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com