Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST26C32IF16 Datasheet(PDF) 4 Page - Exar Corporation

Part # ST26C32IF16
Description  QUAD RS-422, RS-423 CMOS Differential Line Receiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST26C32IF16 Datasheet(HTML) 4 Page - Exar Corporation

  ST26C32IF16 Datasheet HTML 1Page - Exar Corporation ST26C32IF16 Datasheet HTML 2Page - Exar Corporation ST26C32IF16 Datasheet HTML 3Page - Exar Corporation ST26C32IF16 Datasheet HTML 4Page - Exar Corporation ST26C32IF16 Datasheet HTML 5Page - Exar Corporation ST26C32IF16 Datasheet HTML 6Page - Exar Corporation ST26C32IF16 Datasheet HTML 7Page - Exar Corporation ST26C32IF16 Datasheet HTML 8Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ST26C32
4
Rev. 1.01
Enable
-Enable
Input
Differential
Non-Inverting
Output
Differential
Inverting
Output
L
H
Z
X
X
H
L
L
L
H
H
L
H
H
L
Notes
X = Don’t care
Z = Three-State (high impedance)
Table 1. Functional Table
Figure 2. Test Condition
INPUT A
-INPUT A
-ENABLE
Receiver
U1
VCC
S1
R1
10K
C1
50pF
OUTPUT A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com