Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP120NF10 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP120NF10
Description  N-CHANNEL 100V - 0.009 W - 120A D2PAK/TO-220 STripFET II POWER MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP120NF10 Datasheet(HTML) 1 Page - STMicroelectronics

  STP120NF10 Datasheet HTML 1Page - STMicroelectronics STP120NF10 Datasheet HTML 2Page - STMicroelectronics STP120NF10 Datasheet HTML 3Page - STMicroelectronics STP120NF10 Datasheet HTML 4Page - STMicroelectronics STP120NF10 Datasheet HTML 5Page - STMicroelectronics STP120NF10 Datasheet HTML 6Page - STMicroelectronics STP120NF10 Datasheet HTML 7Page - STMicroelectronics STP120NF10 Datasheet HTML 8Page - STMicroelectronics STP120NF10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
May 2003
STB120NF10
STP120NF10
N-CHANNEL 100V - 0.009
Ω - 120A D²PAK/TO-220
STripFET™ II POWER MOSFET
s
TYPICAL RDS(on) = 0.009 Ω
s
EXCEPTIONAL dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
APPLICATION ORIENTED
CHARACTERIZATION
s
SURFACE-MOUNTING D²PAK (TO-263)
POWER PACKAGE IN TAPE & REEL
(SUFFIX “T4")
DESCRIPTION
This MOSFET series realized with STMicroelectronics
unique STripFET process has specifically been designed
to minimize the on-resistance. It is therefore suitable as
primary
switch
in
advanced
high-efficiency,
high-
frequency isolated DC-DC converters for Telecom and
Computer applications. It is also intended for any
applications with low gate drive requirements.
APPLICATIONS
s
AUDIO AMPLIFIERS
s
POWER TOOLS
TYPE
VDSS
RDS(on)
ID
STB120NF10
STP120NF10
100 V
100 V
< 0.0105
Ω
< 0.0105
Ω
120 A
120 A
1
2
3
TO-220
1
3
D2PAK
TO-263
(Suffix “T4”)
INTERNAL SCHEMATIC DIAGRAM
Ordering Information
ABSOLUTE MAXIMUM RATINGS
(
•) Pulse width limited by safe operating area.
(1) ISD ≤120A, di/dt ≤300A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX
(2) Starting Tj = 25 oC, ID = 60A, VDD = 50V
SALES TYPE
MARKING
PACKAGE
PACKAGING
STB120NF10
STP120NF10
B120NF10
P120NF10
TO-263
TO-220
TAPE & REEL
TUBE
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
100
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
100
V
VGS
Gate- source Voltage
± 20
V
ID
Drain Current (continuous) at TC = 25°C
120
A
ID
Drain Current (continuous) at TC = 100°C
85
A
IDM(•)
Drain Current (pulsed)
480
A
Ptot
Total Dissipation at TC = 25°C
312
W
Derating Factor
2.08
W/°C
dv/dt (1)
Peak Diode Recovery voltage slope
10
V/ns
EAS(2)
Single Pulse Avalanche Energy
550
mJ
Tstg
Storage Temperature
-55 to 175
°C
Tj
Operating Junction Temperature


Similar Part No. - STP120NF10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP120NF10 STMICROELECTRONICS-STP120NF10 Datasheet
376Kb / 15P
N-channel 100V - 0.009OHM - 110A - TO-247 - TO-220 - D2PAK STripFET2 Power MOSFET
05-Oct-2006
STP120NF10 STMICROELECTRONICS-STP120NF10 Datasheet
946Kb / 21P
N-channel 100 V, 0.009 ohm, 110 A STripFET II Power MOSFET
11-May-2011
logo
Inchange Semiconductor ...
STP120NF10 ISC-STP120NF10 Datasheet
371Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP120NF10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP100NF04 STMICROELECTRONICS-STP100NF04 Datasheet
584Kb / 15P
N-CHANNEL 40V - 0.0043ohm - 120A TO-220/D2PAK/I2PAK STripFET™ II POWER MOSFET
Feb-2002
STP75NF75L STMICROELECTRONICS-STP75NF75L Datasheet
382Kb / 11P
N-CHANNEL 75V - 0.009 ohm - 75A D2PAK/I2PAK/TO-220 STripFET™ II POWER MOSFET
Apr-2002
STB190NF04 STMICROELECTRONICS-STB190NF04 Datasheet
173Kb / 9P
N-CHANNEL 40V - 3.9 mW - 120A D2PAK/I2PAK/TO-220 STripFET II POWER MOSFET
February 2004
STP60NF10 STMICROELECTRONICS-STP60NF10 Datasheet
227Kb / 10P
N-CHANNEL 100V - 0.019ohm - 80A D2PAK/TO-220 STripFET II POWER MOSFET
May-2005
STB300NH02L STMICROELECTRONICS-STB300NH02L Datasheet
474Kb / 14P
N-channel 24V - 120A - TO-220 / D2PAK STripFET TM Power MOSFET
21-Feb-2007
STB100NF04 STMICROELECTRONICS-STB100NF04_07 Datasheet
394Kb / 17P
N-channel 40V - 0.0043ohm - 120A - TO-220 - D2PAK STripFET TM II Power MOSFET
20-Feb-2007
STB185N55F3 STMICROELECTRONICS-STB185N55F3 Datasheet
335Kb / 14P
N-channel 55V - 3.2mΩ - 120A - D2PAK/TO-220 STripFET??Power MOSFET
28-Jun-2007
STB150NF55 STMICROELECTRONICS-STB150NF55_06 Datasheet
561Kb / 19P
N-channel 55V - 0.005廓 - 120A - D2PAK/TO-220/TO-247 STripFET??II Power MOSFET
26-Jun-2006
STB180N55F3 STMICROELECTRONICS-STB180N55F3 Datasheet
440Kb / 14P
N-channel 55V - 3.2m廓 - 120A - D2PAK/TO-220 STripFET??Power MOSFET
01-Jun-2007
STB300NH02L_0709 STMICROELECTRONICS-STB300NH02L_0709 Datasheet
329Kb / 14P
N-channel 24V - 120A - TO-220 / D2PAK STripFET??Power MOSFET
25-Sep-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com