Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES07A Datasheet(PDF) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

Part # ES07A
Description  1.0AMP. SURFACE MOUNT SUPER FAST RECTIFIERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHONGQING [Chongqing Pingwei Enterprise co.,Ltd]
Direct Link  http://www.perfectway.cn
Logo CHONGQING - Chongqing Pingwei Enterprise co.,Ltd

ES07A Datasheet(HTML) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

  ES07A Datasheet HTML 1Page - Chongqing Pingwei Enterprise co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
- 447 -
ES07A THRU ES07J
1.0AMP. SURFACE MOUNT SUPER FAST RECTIFIERS
FEATURES
.
Glass passivated device
.
Ideal for surface mouted applications
.
Low reverse leakage
.
Metallurgically bonded construction
.
Superfast recovery time for high efficiency
.
High temperature soldering guaranteed:
250℃/10 seconds at terminals.
MECHANICAL DATA
.
Case: Molded plastic
.
Epoxy: UL94V-0 rate flame retardant
.
Lead: MIL-STD- 202E, Method 208 guaranteed
.
Polarity: Color band denotes cathode end
.
Packaging:12mm tape per EIA STD RS-481
.
Mounting position: Any
SOD-123FL
0.60+/-0.25
1.3+/-0.15
0.05~0.3
2.8+/-0.1
Cathode Band
1.8+/-0.1
1.0+/-0.2
3.7+/-0.2
Dimensions in millimeters
MAXIMUM RATINGS AND ELECTRONICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz,resistive or inductive load. For capacitive load, derate current by 20%.
Type Number
Marking
SYMBOL
ES07A
ES07B
ES07D
ES07G
ES07J
units
EA
EB
ED
EG
EJ
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
V
Maximum Average Forward rectified Current
at TA =65°C (Note 1)
IF(AV)
1.0
A
Peak Forward Surge Current 8.3ms single half
sine-wave superimposed on rate load (JEDEC
method)
IFSM
25
A
Maximum Instantaneous forward Voltage at
1.0 A DC
VF
0.95
1.3
1.7
V
Maximum DC Reverse Current @TA =25°C
at rated DC blocking voltage
@TA =125°C
IR
5.0
µA
100.0
Maximum Reverse Recovery Time (Note 2)
trr
35
ns
Typical Junction Capacitance (Note 3)
CJ
20
10
pF
Typical thermal resistance (Note 4)
R(JA)
180
°C /W
Storage Temperature Range
TSTG
-55 to +150
°C
Operation Temperature Range
TJ
-55 to +150
°C
Note: 1. Averaged over any 20 ms period.
2.Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
3. Measured at 1MHz and applied reverse voltage of 4.0 volts d.c.
4. Measured on P.C. Board with 0.2×0.2”(5.0×5.0mm)Copper Pad Areas


Similar Part No. - ES07A

ManufacturerPart #DatasheetDescription
logo
Powerbox
ES075-2 POWERBOX-ES075-2 Datasheet
111Kb / 2P
150 WATTS PROGRAMMABLE DC SUPPLY
logo
General Semiconductor
ES07B GE-ES07B Datasheet
30Kb / 1P
Small Surface Mount Ultrafast Rectifiers
logo
Galaxy Semi-Conductor H...
ES07B BILIN-ES07B Datasheet
173Kb / 3P
SURFACE MOUNT RECTIFIER
logo
Vishay Siliconix
ES07B VISHAY-ES07B Datasheet
137Kb / 6P
Small Surface Mount Ultrafast Diodes
13-Apr-05
ES07B VISHAY-ES07B Datasheet
80Kb / 5P
Small Surface Mount Ultrafast Diodes
20-Aug-10
More results

Similar Description - ES07A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMF112A SECOS-SMF112A Datasheet
225Kb / 2P
1.0AMP Surface Mount Fast Recovery Rectifiers
SUF101A SECOS-SUF101A Datasheet
240Kb / 2P
1.0AMP Surface Mount Super Fast Recovery Rectifiers
SUF101B SECOS-SUF101B Datasheet
209Kb / 2P
1.0AMP Surface Mount Super Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
ESH1B TSC-ESH1B Datasheet
136Kb / 2P
1.0AMP Surface Mount Super Fast Rectifiers
ES1A TSC-ES1A_12 Datasheet
197Kb / 2P
1.0AMP. Surface Mount Super Fast Rectifiers
ES1AL TSC-ES1AL_11 Datasheet
198Kb / 2P
1.0AMP. Surface Mount Super Fast Rectifiers
ES1A TSC-ES1A_13 Datasheet
445Kb / 4P
1.0AMP. Surface Mount Super Fast Rectifiers
logo
Chongqing Pingwei Enter...
RS1A CHONGQING-RS1A_16 Datasheet
198Kb / 1P
1.0AMP. FAST RECOVERY SURFACE MOUNT RECTIFIERS
E1AFEA CHONGQING-E1AFEA Datasheet
179Kb / 1P
1.0AMP. SURFACE MOUNT SUPER FAST RECTIFIERS
logo
DIYI Electronic Technol...
FR1AU DYELEC-FR1AU Datasheet
1Mb / 2P
1.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com