Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2479 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2479
Description  120V Triple Bias Clamp
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2479 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2479 Datasheet HTML 1Page - National Semiconductor (TI) LM2479 Datasheet HTML 2Page - National Semiconductor (TI) LM2479 Datasheet HTML 3Page - National Semiconductor (TI) LM2479 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LM2479
120V Triple Bias Clamp
General Description
The LM2479 is an Integrated 120V triple bias clamp circuit
for DC recovery of each of the AC coupled outputs of a CRT
driver. It is well matched with the DAC outputs of the
LM126X family of pre-amplifiers. Each amplifier has its gain
internally set to -18. The IC is packaged in an industry
standard 8 lead molded DIP package.
Features
n
Wide range integrated triple bias clamp
n
High input impedance
n
Single supply operation
n
Matched to the LM126X family of preamplifiers
Recommended Applications
n
CRT monitors requiring DC restoration at the cathodes
Block Diagrams
Package Pinout
DS101391-1
FIGURE 1. Simplified Schematic (One Channel)
DS101391-2
FIGURE 2. LM2479 Package Pinout
Order Number LM2479NA
NS Package Number: N08E
October 2000
© 2000 National Semiconductor Corporation
DS101391
www.national.com


Similar Part No. - LM2479

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2470 NSC-LM2470 Datasheet
841Kb / 14P
Monolithic Triple 7.0 ns CRT Driver
logo
Texas Instruments
LM2470 TI1-LM2470 Datasheet
943Kb / 13P
Monolithic Triple 7.0 ns High Swing CRT Driver
logo
National Semiconductor ...
LM2470TA NSC-LM2470TA Datasheet
841Kb / 14P
Monolithic Triple 7.0 ns CRT Driver
LM2471 NSC-LM2471 Datasheet
663Kb / 10P
Monolithic Triple 4 ns High Swing CRT Driver
LM2471TA NSC-LM2471TA Datasheet
663Kb / 10P
Monolithic Triple 4 ns High Swing CRT Driver
More results

Similar Description - LM2479

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2480 NSC-LM2480 Datasheet
84Kb / 4P
80V Triple Bias Clamp
LM2485 NSC-LM2485 Datasheet
858Kb / 8P
220V Triple Bias Clamp with G1 Blank Amplifier
LM2476 NSC-LM2476 Datasheet
1Mb / 12P
Monolithic Triple Channel 6.5 ns High Gain CRT Driver and Bias Clamp
LM2483 NSC-LM2483 Datasheet
706Kb / 8P
180V Triple Bias Clamp
LM2481 NSC-LM2481 Datasheet
451Kb / 8P
145V Triple Bias Clamp
logo
Monolithic Power System...
EV0074 MPS-EV0074 Datasheet
245Kb / 5P
Triple Output TFT Bias Converter
logo
Intersil Corporation
ISL6720A INTERSIL-ISL6720A Datasheet
224Kb / 11P
100V Triple Linear Bias Supply
August 23, 2007
ISL6720AARZ INTERSIL-ISL6720AARZ Datasheet
221Kb / 11P
100V Triple Linear Bias Supply
August 23, 2007
logo
Texas Instruments
LM2476 TI1-LM2476 Datasheet
1Mb / 16P
Monolithic Triple Channel 6.5 ns High Gain CRT Driver and Bias Clamp
logo
Renesas Technology Corp
ISL6720A RENESAS-ISL6720A Datasheet
564Kb / 11P
100V Triple Linear Bias Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com