Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFP101PZP Datasheet(PDF) 1 Page - Texas Instruments

Part # TFP101PZP
Description  T1 PANELBUS DIGITAL RECEIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TFP101PZP Datasheet(HTML) 1 Page - Texas Instruments

  TFP101PZP Datasheet HTML 1Page - Texas Instruments TFP101PZP Datasheet HTML 2Page - Texas Instruments TFP101PZP Datasheet HTML 3Page - Texas Instruments TFP101PZP Datasheet HTML 4Page - Texas Instruments TFP101PZP Datasheet HTML 5Page - Texas Instruments TFP101PZP Datasheet HTML 6Page - Texas Instruments TFP101PZP Datasheet HTML 7Page - Texas Instruments TFP101PZP Datasheet HTML 8Page - Texas Instruments TFP101PZP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
TFP101, TFP101A
TI PanelBus DIGITAL RECEIVER
SLDS119C - MARCH 2000 − REVISED OCTOBER 2003
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Supports XGA Resolution
(Output Pixel Rates Up to 86 MHz)
D Digital Visual Interface (DVI) Specification
Compliant1
D True-Color, 24 Bit/Pixel, 16.7M Colors at 1
or 2-Pixels Per Clock
D Laser Trimmed Internal Termination
Resistors for Optimum Fixed Impedance
Matching
D Skew Tolerant Up to One Pixel Clock Cycle
D 4x Over-Sampling
D Reduced Power Consumption − 1.8 V Core
Operation With 3.3 V I/Os and Supplies2
D Reduced Ground Bounce Using Time
Staggered Pixel Outputs
D Lowest Noise and Best Power Dissipation
Using TI PowerPAD
 Packaging
D Advanced Technology Using TI 0.18-µm
EPIC-5
 CMOS Process
D TFP101A Incorporates HSYNC Jitter
Immunity3
description
The Texas Instruments TFP101 and TFP101A are TI PanelBus
 flat panel display products, part of a
comprehensive family of end-to-end DVI 1.0 compliant solutions. Targeted primarily at desktop LCD monitors
and digital projectors, the TFP101/101A finds applications in any design requiring high-speed digital interface.
The TFP101/101A supports display resolutions up to XGA in 24-bit true color pixel format. The TFP101/101A
offers design flexibility to drive one or two pixels per clock, supports TFT or DSTN panels, and provides an option
for time staggered pixel outputs for reduced ground bounce.
PowerPAD
 advanced packaging technology results in best of class power dissipation, footprint, and ultra-low
ground inductance.
The TFP101/101A combines PanelBus
 circuit innovation with TI’s advanced 0.18-µm EPIC-5 CMOS
process technology, along with TI PowerPAD
 package technology to achieve a reliable, low-powered, low
noise, high-speed digital interface solution.
AVAILABLE OPTIONS
PACKAGED DEVICE
TA
100-TQFP
(PZP)
0
°C to 70°C
TFP101PZP
0
°C to 70°C
TFP101APZP
1.
The Digital Visual Interface Specification, DVI, is an industry standard developed by the Digital Display Working Group (DDWG) for
high-speed digital connection to digital displays The TFP101 and TFP101A are compliant to the DVI Specification Rev. 1.0.
2.
The TFP101/101A has an internal voltage regulator that provides the 1.8-V core power supply from the externally supplied 3.3-V
supplies.
3.
The TFP101A incorporates additional circuitry to create a stable HSYNC from DVI transmitters that introduce undesirable jitter on
the transmitted HSYNC signal.
Copyright
 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PanelBus, PowerPAD and EPIC-5 are trademarks of Texas Instruments.
I2C is a licensed bus protocol from Phillips Semiconductor, Inc.


Similar Part No. - TFP101PZP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TFP101 TI1-TFP101 Datasheet
547Kb / 21P
Supports XGA Resolution (Output Pixel Rates Up to 86 MHz)
TFP101A TI1-TFP101A Datasheet
547Kb / 21P
Supports XGA Resolution (Output Pixel Rates Up to 86 MHz)
TFP101APZP TI1-TFP101APZP Datasheet
547Kb / 21P
Supports XGA Resolution (Output Pixel Rates Up to 86 MHz)
TFP101APZPG4 TI1-TFP101APZPG4 Datasheet
547Kb / 21P
Supports XGA Resolution (Output Pixel Rates Up to 86 MHz)
TFP101 TI1-TFP101_14 Datasheet
547Kb / 21P
Supports XGA Resolution (Output Pixel Rates Up to 86 MHz)
More results

Similar Description - TFP101PZP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TFP401 TI-TFP401 Datasheet
303Kb / 19P
TI PanelBus DIGITAL RECEIVER
TFP501 TI-TFP501 Datasheet
374Kb / 24P
PANELBUS HDCP DIGITAL RECEIVER
TFP503 TI-TFP503 Datasheet
445Kb / 27P
PANELBUS HDCP DIGITAL RECEIVER
logo
List of Unclassifed Man...
TFP401 ETC2-TFP401_07 Datasheet
436Kb / 20P
PanelBus DIGITAL RECEIVER
logo
Texas Instruments
TFP401A-EP TI-TFP401A-EP Datasheet
509Kb / 21P
TI PanelBus??DIGITAL RECEIVER
TFP410-EP TI1-TFP410-EP Datasheet
878Kb / 31P
PanelBus??DIGITAL TRANSMITTER
TFP401A-Q1 TI-TFP401A-Q1 Datasheet
892Kb / 23P
TI PanelBus DIGITAL RECEIVER
TFP401 TI1-TFP401_16 Datasheet
2Mb / 32P
TFP401x TI PanelBus Digital Receiver
TFP501 TI1-TFP501_14 Datasheet
270Kb / 24P
PanelBus HDCP Digital Receiver
TFP401 TI1-TFP401_18 Datasheet
2Mb / 32P
PanelBus Digital Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com