Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4151 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # THS4151
Description  HIGH-SPEED DIFFERENTIAL I/O AMPLIFIERS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4151 Datasheet(HTML) 13 Page - Texas Instruments

Back Button THS4151 Datasheet HTML 9Page - Texas Instruments THS4151 Datasheet HTML 10Page - Texas Instruments THS4151 Datasheet HTML 11Page - Texas Instruments THS4151 Datasheet HTML 12Page - Texas Instruments THS4151 Datasheet HTML 13Page - Texas Instruments THS4151 Datasheet HTML 14Page - Texas Instruments THS4151 Datasheet HTML 15Page - Texas Instruments THS4151 Datasheet HTML 16Page - Texas Instruments THS4151 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
THS4150, THS4151
HIGHSPEED DIFFERENTIAL I/O AMPLIFIERS
SLOS321D − MAY 2000 − REVISED JANUARY 2004
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
10
100
1000
100 k
1 M
10 M
OUTPUT IMPEDANCE (SHUTDOWN)
vs
FREQUENCY
100 M
1 G
VCC = ±5 V
Rf = R(g) = 500 Ω
f − Frequency − Hz
Figure 28
−70
−60
−50
−40
−30
−20
−10
POWER SUPPLY REJECTION RATIO
vs
FREQUENCY
f − Frequency − Hz
100 k
1 M
10 M
100 M
1 G
VCC− = 225 mVRMS + (-2.5 V) dc
= 225 mVRMS + (-5 V) dc
= 225 mVRMS + (-15 V) dc
VCC+ = 2.5 V, 5 V, 15 V
Figure 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com