Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP06ART-REEL7 Datasheet(PDF) 22 Page - Analog Devices

Part # TMP06ART-REEL7
Description  짹0.5째C Accurate PWM Temperature Sensor in 5-Lead SC-70
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP06ART-REEL7 Datasheet(HTML) 22 Page - Analog Devices

Back Button TMP06ART-REEL7 Datasheet HTML 18Page - Analog Devices TMP06ART-REEL7 Datasheet HTML 19Page - Analog Devices TMP06ART-REEL7 Datasheet HTML 20Page - Analog Devices TMP06ART-REEL7 Datasheet HTML 21Page - Analog Devices TMP06ART-REEL7 Datasheet HTML 22Page - Analog Devices TMP06ART-REEL7 Datasheet HTML 23Page - Analog Devices TMP06ART-REEL7 Datasheet HTML 24Page - Analog Devices TMP06ART-REEL7 Datasheet HTML 25Page - Analog Devices TMP06ART-REEL7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
TMP05/TMP06
Rev. 0 | Page 22 of 28
}
void main(void)
{
double temp1=0,temp2=0;
double T1,T2,T3,T4,T5;
// Initialization
TMOD = 0x19;
// Timer1 in 16-bit counter mode
// Timer0 in 16-bit counter mode
// with gate on INT0. Timer0 only counts when INTO pin // is high.
ET0 = 1;
// Enable timer0 interrupts
ET1 = 1;
// Enable timer1 interrupts
tempsegment = 1;
// Initialize segment
Daisy_Start_Pulse = 0;
// Pull P3.7 low
// Start Pulse
Daisy_Start_Pulse = 1;
Daisy_Start_Pulse = 0;
//Toggle P3.7 to give start pulse
// Set T0 to count the high period
TR0 = 1;
// Start timer0 running
IT0 = 1;
// Interrupt0 edge triggered
EX0 = 1;
// Enable interrupt
EA = 1;
// Enable global interrupts
for(;;)
{
if (tempsegment == 4)
break;
}
//CONFIGURE UART
SCON = 0x52 ;
// 8-bit, no parity, 1 stop bit
TMOD = 0x20 ;
// Configure timer1..
TH1 = 0xFD ;
// ..for 9600baud..
TR1 = 1;
// ..(assuming 11.0592MHz crystal)
//Convert variables to floats for calculation
T1= temp_high0;
T2= temp_low0;
T3= temp_high1;
T4= temp_low1;
T5= temp_high2;
temp1=421-(751*(T1/(T2-T3)));
temp2=421-(751*(T3/(T4-T5)));
printf("Temp1 = %f\nTemp2 = %f\n",temp1,temp2);
//Sends temperature result out UART
while (1);
// END of program
}
// Delay routine
void delay(int length)
{
while (length >=0)
length--;
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com