Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDF4803TO39 Datasheet(PDF) 5 Page - Shoulder Electronics Limited.

Part # HDF4803TO39
Description  Constant group delay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDF4803TO39 Datasheet(HTML) 5 Page - Shoulder Electronics Limited.

  HDF4803TO39 Datasheet HTML 1Page - Shoulder Electronics Limited. HDF4803TO39 Datasheet HTML 2Page - Shoulder Electronics Limited. HDF4803TO39 Datasheet HTML 3Page - Shoulder Electronics Limited. HDF4803TO39 Datasheet HTML 4Page - Shoulder Electronics Limited. HDF4803TO39 Datasheet HTML 5Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SAW FILTER
HDF480-3
TO39
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 5 of 5
Characteristics
Minimu
Typical
Maxim
Unit
Insertion attenuation
480.00MHz
Reference level for the
following data
20.0
21.5
dB
Center frequency
fc
479.00
480.00
481.00
MHz
Pass
Bandwidth
BW3
25.6
26.6
27.6
MHz
Relative attenuation
466.5MHz
3.0
4.6
dB
493.5MHz
3.2
4.6
dB
Lower side lobe
430.0-455.5MHz
40.0
46.0
dB
Upper side lobe
504.5-530.0MHz
38.0
43.0
dB
Reflected wave signal suppression
0.15us-2.0us after main pulse
40.0
46.0
dB
Amplitude ripple
473.50-486.50MHz
0.3
0.5
dB
Group delay
480.00MHz
227.5
ns
Group Delay Ripple 467.00-493.00MHz
8.5
15.0
ns
Impedance at 480.00MHz
Input Zin=Rin‖Cin
output Zout=Rout‖Cout
60‖4.8
260‖3.1
Ω‖pF
Ω‖pF
DC Resistance
Input Rin
Output Rout
500
500
Ω
Ω
Temperature coefficient of frequency
TCf
-86
ppm/k
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com