Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDF9145AF11 Datasheet(PDF) 1 Page - Shoulder Electronics Limited.

Part # HDF9145AF11
Description  Center Frequency:914.5MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDF9145AF11 Datasheet(HTML) 1 Page - Shoulder Electronics Limited.

  HDF9145AF11 Datasheet HTML 1Page - Shoulder Electronics Limited. HDF9145AF11 Datasheet HTML 2Page - Shoulder Electronics Limited. HDF9145AF11 Datasheet HTML 3Page - Shoulder Electronics Limited. HDF9145AF11 Datasheet HTML 4Page - Shoulder Electronics Limited. HDF9145AF11 Datasheet HTML 5Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 1 of 5
规格书编号
SPEC NO :
产
产品
品规
规格
格书
书
S
SP
PE
EC
CIIF
FIIC
CA
AT
TIIO
ON
N
CUSTOMER 客 户:
PRODUCT
产 品:
SAW FILTER
MODEL NO 型 号:
HDF914.5A F11
PREPARED 编 制:
CHECKED 审 核:
APPROVED 批 准:
D A T E 日 期:
2006-5-11
无锡市好达电子有限公司
Shoulder Electronics Limited
客户确认 CUSTOMER RECEIVED:
审核 CHECKED
批准 APPROVED
日期 DATE


Similar Part No. - HDF9145AF11

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
HDF911F11 SHOULDER-HDF911F11 Datasheet
113Kb / 5P
Only leads of component may be soldered. Please avoid soldering another part of component
HDF912AN1S6 SHOULDER-HDF912AN1S6 Datasheet
223Kb / 9P
Low-Loss SAW Filter of cordless system
HDF915A1S6 SHOULDER-HDF915A1S6 Datasheet
159Kb / 9P
Low-Loss SAW Filter of cordless system
HDF915ANS6 SHOULDER-HDF915ANS6 Datasheet
178Kb / 8P
The tape shall be wound around the reel in the direction shown below
HDF915ATS6 SHOULDER-HDF915ATS6 Datasheet
177Kb / 8P
The product shall be packed properly not to be damaged during transportation and storage
More results

Similar Description - HDF9145AF11

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2157-105-5-50-SMA KR-2157-105-5-50-SMA Datasheet
70Kb / 3P
10.5MHz Center Frequency
logo
Murata Manufacturing Co...
CEG231G73DCB100 MURATA-CEG231G73DCB100 Datasheet
176Kb / 2P
center frequency tolerance
CEG231G76CCB100 MURATA-CEG231G76CCB100 Datasheet
166Kb / 2P
center frequency tolerance
CEG232G53DCB100 MURATA-CEG232G53DCB100 Datasheet
165Kb / 2P
center frequency tolerance
CEG23832MDCB000 MURATA-CEG23832MDCB000 Datasheet
165Kb / 2P
center frequency tolerance
CES202G59CCB000 MURATA-CES202G59CCB000 Datasheet
167Kb / 2P
center frequency tolerance
CES301G84DCB000 MURATA-CES301G84DCB000 Datasheet
174Kb / 2P
center frequency tolerance
CES301G95ECB000 MURATA-CES301G95ECB000 Datasheet
173Kb / 2P
center frequency tolerance
CES40881MDCB000 MURATA-CES40881MDCB000 Datasheet
169Kb / 2P
center frequency tolerance
CES40942MDCB000 MURATA-CES40942MDCB000 Datasheet
170Kb / 2P
center frequency tolerance
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com