Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP5322 Datasheet(PDF) 1 Page - Supertex, Inc

Part # TP5322
Description  P-Channel Enhancement-Mode Vertical DMOS FET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TP5322 Datasheet(HTML) 1 Page - Supertex, Inc

  TP5322 Datasheet HTML 1Page - Supertex, Inc TP5322 Datasheet HTML 2Page - Supertex, Inc TP5322 Datasheet HTML 3Page - Supertex, Inc TP5322 Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Supertex inc.
Supertex inc.
www.supertex.com
Doc.# DSFP-TP5322
C081613
TP5322
General Description
The Supertex TP5322 is a low threshold enhancement-
mode (normally-off) transistor utilizing an advanced vertical
DMOS structure and Supertex’s well-proven silicon-gate
manufacturing process. This combination produces a device
with the power handling capabilities of bipolar transistors
and with the high input impedance and positive temperature
coefficient inherent in MOS devices. Characteristic of all
MOS structures, this device is free from thermal runaway and
thermally-induced secondary breakdown.
Supertex’s vertical DMOS FETs are ideally suited to a
wide range of switching and amplifying applications where
high breakdown voltage, high input impedance, low input
capacitance, and fast switching speeds are desired.
Features
► High input impedance
► Low threshold (-2.4V max.)
► Low input capacitance (110pF max.)
► Fast switching speeds
► Low on-resistance
► Low input and output leakage
► Free from secondary breakdown
Applications
► Logic level interfaces - ideal for TTL and CMOS
► Battery operated systems
► Photo voltaic devices
► Analog switches
► General purpose line drivers
► Telecom switches
TO-243AA (SOT-89)
TO-243AA (SOT-89)
GATE
SOURCE
DRAIN
DRAIN
TP3CW
W = Code for week sealed
= “Green” Packaging
Pin Configuration
Product Marking
TO-236AB (SOT-23)
P3CW
W = Code for week sealed
= “Green” Packaging
DRAIN
SOURCE
GATE
TO-236AB (SOT-23)
Package may or may not include the following marks: Si or
Package may or may not include the following marks: Si or
P-Channel Enhancement-Mode
Vertical DMOS FET
Absolute Maximum Ratings
Parameter
Value
Drain-to-source voltage
BV
DSS
Drain-to-gate voltage
BV
DGS
Gate-to-source voltage
±20V
Operating and storage temperature
-55OC to +150OC
Absolute Maximum Ratings are those values beyond which damage to the device
may occur. Functional operation under these conditions is not implied. Continuous
operation of the device at the absolute rating level may affect device reliability. All
voltages are referenced to device ground.
Ordering Information
Part Number
Package Option
Packing
TP5322K1-G
TO-236AB (SOT-23)
3000/Reel
TP5322N8-G
3-Lead TO-92
2000/Reel
Product Summary
BV
DSS/BVDGS
R
DS(ON)
(max)
I
D(ON)
(min)
V
GS(th)
(max)
-220V
12Ω
-700mA
-2.4V
-G denotes a lead (Pb)-free / RoHS compliant package.
Contact factory for Wafer / Die availablity.
Devices in Wafer / Die form are lead (Pb)-free / RoHS compliant.
Typical Thermal Resistance
Package
θ
ja
TO-236AB (SOT-23)
203OC/W
TO-243AA (SOT-89)
133OC/W


Similar Part No. - TP5322

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
TP5322 SUTEX-TP5322 Datasheet
306Kb / 2P
P-Channel Enhancement-Mode Vertical DMOS FET
TP5322 SUTEX-TP5322 Datasheet
516Kb / 2P
P-Channel Enhancement-Mode Vertical DMOS FETs
TP5322K1 SUTEX-TP5322K1 Datasheet
306Kb / 2P
P-Channel Enhancement-Mode Vertical DMOS FET
TP5322K1 SUTEX-TP5322K1 Datasheet
516Kb / 2P
P-Channel Enhancement-Mode Vertical DMOS FETs
TP5322K1-G SUTEX-TP5322K1-G Datasheet
306Kb / 2P
P-Channel Enhancement-Mode Vertical DMOS FET
More results

Similar Description - TP5322

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BS250F ZETEX-BS250F Datasheet
80Kb / 3P
P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP2106A ZETEX-ZVP2106A Datasheet
51Kb / 3P
P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP2110A ZETEX-ZVP2110A Datasheet
65Kb / 3P
P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP2120G ZETEX-ZVP2120G Datasheet
74Kb / 3P
P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP3306F ZETEX-ZVP3306F Datasheet
109Kb / 2P
P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP4105A ZETEX-ZVP4105A Datasheet
49Kb / 1P
P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
Diodes Incorporated
ZVP4105A DIODES-ZVP4105A Datasheet
60Kb / 1P
P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
MARCH 1994
ZVP3310A DIODES-ZVP3310A_15 Datasheet
94Kb / 3P
P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
MARCH 1994
logo
Supertex, Inc
TP5335 SUTEX-TP5335_13 Datasheet
582Kb / 3P
P-Channel Enhancement-Mode Vertical DMOS FET
logo
Microchip Technology
VP0106 MICROCHIP-VP0106 Datasheet
759Kb / 14P
P-Channel Enhancement-Mode Vertical DMOS FET
Rev. A April 2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com