Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA3003D2PFB Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3003D2PFB
Description  3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA3003D2PFB Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPA3003D2PFB Datasheet HTML 8Page - Texas Instruments TPA3003D2PFB Datasheet HTML 9Page - Texas Instruments TPA3003D2PFB Datasheet HTML 10Page - Texas Instruments TPA3003D2PFB Datasheet HTML 11Page - Texas Instruments TPA3003D2PFB Datasheet HTML 12Page - Texas Instruments TPA3003D2PFB Datasheet HTML 13Page - Texas Instruments TPA3003D2PFB Datasheet HTML 14Page - Texas Instruments TPA3003D2PFB Datasheet HTML 15Page - Texas Instruments TPA3003D2PFB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
TPA3003D2
SLOS406A − FEBRUARY 2003 − REVISED MARCH 2003
12
www.ti.com
TYPICAL CHARACTERISTICS
Figure 13
−250
−200
−150
−100
−50
0
50
10
100
1 k
10 k
100 k
1 M
Gain
Phase
−250
−200
−150
−100
−50
0
50
f − Frequency − Hz
CLOSED LOOP RESPONSE
VCC = 12 V,
Gain = +5.6 dB,
RL = 8 Ω
Figure 14
−250
−200
−150
−100
−50
0
50
100
10
100
1 k
10 k
100 k
1 M
Gain
Phase
−250
−200
−150
−100
−50
0
50
100
f − Frequency − Hz
CLOSED LOOP RESPONSE
VCC = 12 V,
Gain = +36 dB,
RL = 8 Ω
Figure 15
−140
0
−120
−100
−80
−60
−40
−20
50
100
1 k
10 k
INTERMODULATION PERFORMANCE
f − Frequency − Hz
VCC = 12 V, 19 kHz, 20 kHz,
1:1, PO = 1 W, RL = 8 Ω
Gain= +13.2 dB,
BW =20 Hz to 22 kHz,
Class-D
No Filter
Figure 16
2
1
0
−1
4
5
6
INPUT OFFSET VOLTAGE
vs
COMMON-MODE INPUT VOLTAGE
3
VICM − Common-Mode Input Voltage − V
1
1.5
2
2.5
3
3.5
4
4.5
5
VCC = 12 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com