Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2524D Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2524D
Description  Regulating Pulse Width Modulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2524D Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM2524D Datasheet HTML 9Page - National Semiconductor (TI) LM2524D Datasheet HTML 10Page - National Semiconductor (TI) LM2524D Datasheet HTML 11Page - National Semiconductor (TI) LM2524D Datasheet HTML 12Page - National Semiconductor (TI) LM2524D Datasheet HTML 13Page - National Semiconductor (TI) LM2524D Datasheet HTML 14Page - National Semiconductor (TI) LM2524D Datasheet HTML 15Page - National Semiconductor (TI) LM2524D Datasheet HTML 16Page - National Semiconductor (TI) LM2524D Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Typical Applications (Continued)
BASIC SWITCHING REGULATOR THEORY
AND APPLICATIONS
The basic circuit of a step-down switching regulator circuit is
shown in Figure 12, along with a practical circuit design
using the LM3524D in Figure 15.
The circuit works as follows: Q1 is used as a switch, which
has ON and OFF times controlled by the pulse width modu-
lator. When Q1 is ON, power is drawn from V
IN and supplied
to the load through L1; V
A is at approximately VIN,D1is
reverse biased, and C
o is charging. When Q1 turns OFF the
inductor L1 will force V
A negative to keep the current flowing
in it, D1 will start conducting and the load current will flow
through D1 and L1. The voltage at V
Ais smoothed by the L1,
C
o
filter giving a clean DC output. The current flowing
through L1 is equal to the nominal DC load current plus
some
∆I
L which is due to the changing voltage across it. A
good rule of thumb is to set
∆I
LP-P . 40%xIo.
Neglecting V
SAT,VD, and settling
∆I
L
+ =
∆I
L
−;
whereT=Total Period
The above shows the relation between V
IN,Vo and duty
cycle.
as Q1 only conducts during t
ON.
The efficiency,
η, of the circuit is:
ηMAX will be further decreased due to switching losses in
Q1. For this reason Q1 should be selected to have the
maximum possible f
T, which implies very fast rise and fall
times.
CALCULATING INDUCTOR L1
Since
∆I
L+=
∆I
L
− = 0.4I
o
Solving the above for L1
00865016
FIGURE 12. Basic Step-Down Switching Regulator
00865017
FIGURE 13. Relation of Switch Timing to Inductor Current in Step-Down Regulator
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com